Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHK12NQ10T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PHK12NQ10T
Description  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHK12NQ10T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PHK12NQ10T Datasheet HTML 4Page - NXP Semiconductors PHK12NQ10T Datasheet HTML 5Page - NXP Semiconductors PHK12NQ10T Datasheet HTML 6Page - NXP Semiconductors PHK12NQ10T Datasheet HTML 7Page - NXP Semiconductors PHK12NQ10T Datasheet HTML 8Page - NXP Semiconductors PHK12NQ10T Datasheet HTML 9Page - NXP Semiconductors PHK12NQ10T Datasheet HTML 10Page - NXP Semiconductors PHK12NQ10T Datasheet HTML 11Page - NXP Semiconductors PHK12NQ10T Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PHK12NQ10T_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 November 2009
10 of 12
NXP Semiconductors
PHK12NQ10T
N-channel TrenchMOS standard level FET
8.
Revision history
Table 7.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PHK12NQ10T_2
20091124
Product data sheet
-
PHK12NQ10T-01
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
PHK12NQ10T-01
(9397 750 11949)
20030915
Product data
-
-


Similar Part No. - PHK12NQ10T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHK12NQ10T PHILIPS-PHK12NQ10T Datasheet
236Kb / 12P
   TrenchMOS standard level FET
Rev. 01-15 September 2003
logo
Nexperia B.V. All right...
PHK12NQ10T NEXPERIA-PHK12NQ10T Datasheet
462Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 24 November 2009
logo
VBsemi Electronics Co.,...
PHK12NQ10T VBSEMI-PHK12NQ10T Datasheet
621Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - PHK12NQ10T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com