Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44812-0008 Datasheet(PDF) 4 Page - MolexKits

Part # 44812-0008
Description  Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

44812-0008 Datasheet(HTML) 4 Page - MolexKits

  44812-0008 Datasheet HTML 1Page - MolexKits 44812-0008 Datasheet HTML 2Page - MolexKits 44812-0008 Datasheet HTML 3Page - MolexKits 44812-0008 Datasheet HTML 4Page - MolexKits 44812-0008 Datasheet HTML 5Page - MolexKits 44812-0008 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0192
• End-to-end stackable
• Strain relieving board hooks
• Also available without board hooks
• Various pin lengths available
• Voided circuits available (contact Molex)
• Versions to accept mating pins vertically,
horizontally or through the PCB
• Vending and Gaming Machines
• Production Equipment
• Industrial Instruments
• Energy and Power
• Comfort and Infotainment
• Brown Goods
• Security and Alarms
• Business Machines
• Computer Peripherals
• Consumer (General)
• Vending and Gaming
• Business Machines
• High-End Computer
• Production Equipment
Bill of Materials for Part No. 76650-0192
• Polarized D-shape leaf contact for parallel
board packaging
• Leaf-style interface provides high-
durability
• Available in 50, 68, and 80 circuits
• Blind-mate version
• SMT versions available
• Receptacle mates to standard .062 inch
pc card edge
• Polarized guide posts allow extra lead-in
on blind-mate versions
• Polarized guide features provide generous
2.0mm radial lead-in for blind mating
• Press-fit retention pegs for mechanical
hold down before and after processing
• Low profile—12.50mm (.492") stack
height for parallel board stacking
• Surface Mount Compatible
• Leaf-style design protects pins
• Low insertion force
• For use in combinations of 1 to 4 mated
pairs
• High-temperature LCP housing for use
with lead-free processing temps
• Multiple stack heights 8.00-15.00mm
(.315-.591"), offers design flexibility
• Low mating forces, less stress on PCB
and solder joints
• Select 30u" Gold plating on contact, high
reliability with 100-cycle durability rating
• Anti-flux intrusion feature, compatible
with no-wash soldering processes
• Network Interface Cards for NIC-HBA
• SCSI Host Bus and Adapter Cards for NIC-HBA
• Board-to-Board Mezzanine Connectors for Switch-
Router
• Mezzanine Card Connectors for Server
• Mezzanine Card Connectors for Disk Array
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 4 of 6


Similar Part No. - 44812-0008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44812-0008 MOLEX-44812-0008 Datasheet
40Kb / 2P
   2.54mm (.100?? Pitch KK짰 Low Profile PC Board Receptacle
44812-0008 MOLEX6-44812-0008 Datasheet
177Kb / 4P
   2.54mm (.100") Pitch KK PC Board Receptacle, Top and Bottom Entry, Low Profile, 5.0um (200u") Tin (Sn), 8 Circuits
44812-0008 MOLEX6-44812-0008 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle, Top and Bottom Entry, Low Profile, 0.8關m (30關") Gold (Au), 8 Circuits
More results

Similar Description - 44812-0008

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0146 MOLEXKITS-76650-0146 Datasheet
43Kb / 5P
   Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Sealed Bayonet-Style Plug Receptacle and Cable
logo
Molex Electronics Ltd.
SD-75019-010 MOLEX11-SD-75019-010 Datasheet
602Kb / 4P
   PLATEAU HS DOCK FLOATING CONNECTOR
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Tyco Electronics
2-1437629-0 MACOM-2-1437629-0 Datasheet
729Kb / 10P
   Product Range
logo
Intel Corporation
325119-001 INTEL-325119-001 Datasheet
3Mb / 174P
   Intel짰 Xeon짰 Processor E7-8800/4800/2800 Product Families
E5-1600 INTEL-E5-1600 Datasheet
2Mb / 258P
   Intel짰 Xeon짰 Processor E5-1600/ E5-2600/E5-4600 Product Families
May 2012
logo
Molex Electronics Ltd.
5017500874 MOLEX11-5017500874 Datasheet
86Kb / 3P
   0.635mm (.025") Pitch SlimStack Board-to-Board Plug, SMT, Dual Row, Vertical Stacking, 5.00mm
logo
TE Connectivity Ltd
120521 TEC-120521 Datasheet
326Kb / 1P
   RECEPTACLE ASSY, 1.0mm (IEEE1386) CONNECTOR
REV K
logo
Adam Technologies, Inc.
EBV-XX-X ADAM-TECH-EBV-XX-X Datasheet
100Kb / 1P
   EURO BLOCK STRAIGHT MULTIPLE PITCHES
logo
Molex Electronics Ltd.
0751400017 MOLEX9-0751400017 Datasheet
321Kb / 5P
   1.50mm (.059")/ 5.00mm(.197") Pitch Plateau HS Dock??Plug, Vertical, 108Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com