Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63813-1500 Datasheet(PDF) 2 Page - MolexKits

Part # 63813-1500
Description  SIngle Row Receptacle to Distributor with CPA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

63813-1500 Datasheet(HTML) 2 Page - MolexKits

  63813-1500 Datasheet HTML 1Page - MolexKits 63813-1500 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0197
Molex Part No.
Quantity in
Kit
34083-2002
25
34062-0008
3
34062-0007
3
34062-0006
3
34062-0005
3
63813-1500
1
5.00mm (.197") Pitch MX150™ Cable Sealed Receptacle 2
Circuit, Pol. B
5.00mm (.197") Pitch MX150™ Cable Sealed Receptacle 2
Circuit, Pol. A
Manual Extraction Tool
Singapore
Singapore
Singapore
USA
Description
Bill of Materials for Part No. 76650-0197
USA
5.00mm (.197") Pitch MX150™ Cable Sealed Receptacle 2
Circuit, Pol. C
Singapore
Country
of Origin
5.00mm (.197") Pitch MX150™ Cable Sealed Receptacle 2
Circuit, Pol. D
MX150™ Female Cable Seal Terminal, Tin, 18-20 AWG
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 63813-1500

ManufacturerPart #DatasheetDescription
logo
MolexKits
63813-1500 MOLEXKITS-63813-1500 Datasheet
45Kb / 6P
   Deluxe Splashproof Application Kit Includes USB Type A and B, RJ-45, MX150L, MX150, Mini-Splashproof Product
63813-1500 MOLEXKITS-63813-1500 Datasheet
39Kb / 3P
   Dual Row Panel Mount Sealed Plug and Receptacle, IP-67
63813-1500 MOLEXKITS-63813-1500 Datasheet
38Kb / 2P
   Single Row Matte Sealed Plug and Receptacle
logo
Molex Electronics Ltd.
63813-1500 MOLEX11-63813-1500 Datasheet
43Kb / 1P
   Manual Extraction Tool
63813-1500 MOLEX-63813-1500 Datasheet
404Kb / 4P
   Extractor Tool
04-06-11
More results

Similar Description - 63813-1500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0347915141 MOLEX1-0347915141 Datasheet
45Kb / 1P
   Mini50 Unsealed Receptacle, Single Row, Bridged, with CPA, 4 Circuits, Polarization
0347915181 MOLEX1-0347915181 Datasheet
45Kb / 1P
   Mini50 Unsealed Receptacle, Single Row, Bridged, with CPA, 8 Circuits, Polarization
0347915180 MOLEX1-0347915180 Datasheet
45Kb / 1P
   Mini50 Unsealed Receptacle, Single Row, Bridged, with CPA, 8 Circuits, Polarization
0347915182 MOLEX1-0347915182 Datasheet
45Kb / 1P
   Mini50 Unsealed Receptacle, Single Row, Bridged, with CPA, 8 Circuits, Polarization
0347915143 MOLEX1-0347915143 Datasheet
45Kb / 1P
   Mini50 Unsealed Receptacle, Single Row, Bridged, with CPA, 4 Circuits, Polarization
0349671001 MOLEX1-0349671001 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option A,Black
0349674001 MOLEX1-0349674001 Datasheet
39Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 4 Circuits, Polarization Option A, Black
0349672001 MOLEX-0349672001 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 2 Circuits, Polarization Option A, Black
0340624008 MOLEX1-0340624008 Datasheet
39Kb / 1P
   MX150 Sealed Female Receptacle, Single Row, 2 Circuits, Keying Option C with CPA,Black
0347915140 MOLEX1-0347915140 Datasheet
45Kb / 1P
   Mini50 Unsealed Receptacle, Single Row, Bridged, with CPA, 4 Circuits, Polarization Option A, Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com