Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47271-1016 Datasheet(PDF) 1 Page - MolexKits

Part # 47271-1016
Description  I/O Plug, Receptacle and Cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

47271-1016 Datasheet(HTML) 1 Page - MolexKits

  47271-1016 Datasheet HTML 1Page - MolexKits 47271-1016 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2631
www.molexkits.com
Datasheet for 76650-0194
DisplayPort* is a trademark of Video Electronics Standards Association (VESA)
40 Volts AC
Voltage:
Current Rating:
0.5 Amps
• Personal Computer (PC)
• External display interconnect: Projector, TV
display
• DVD player
• Computer monitor
• DVR
The DisplayPort* is designed for internal and external system solution for high
bandwidth audio and video data transfer in the notebook and PC market. It reduces
cost (by having high definition digital audio-video and graphics stream via the
interface through the same cable) and provides ease of use (through the plug-and-
play feature), making it user-friendly for consumers. It also provides
performance scalability for future developments of high quality displays, high color
depths and high refresh rates display.
Product Highlights
Receptacles and Plugs, Cable
Circuit Sizes:
Features and Benefits
Applications
• Detent locks, strong mating between plug
and receptacle
• Latches, additional security for long cable
latching
• Metal shielding on all sides, superior
shielding against EMI
• Solder tab, secure PCB retention and
withstand lateral forces
• Small footprint, less PCB real estate
• Polarized mating geometric, prevents
mis-mating
Connector Type:
20
General Information
Molex / Waldom
Wire-to-Board
0.50mm (.020")
Kit assembled in U.S.A.
Description:
Product Family:
(Molex Parts within this kit) - EU RoHS Compliant, UL, and CSA
Part Number:
Design
Configuration:
76650-0194
Manufacturer:
Country of Origin:
DisplayPort*
Certificates:
I/O Plug, Receptacle and Cable
Specifications
Pitch:
Title:
DisplayPort Connector and Cable Kit
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 47271-1016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47271-1011 MOLEX-47271-1011 Datasheet
126Kb / 2P
   DisplayPort receptacle
47271-1011 MOLEX6-47271-1011 Datasheet
420Kb / 7P
   0.50mm (.020") Pitch DisplayPort Plug Sub-assembly, without Latch
More results

Similar Description - 47271-1016

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0145 MOLEXKITS-76650-0145 Datasheet
38Kb / 2P
   High Speed I/O Right Angle Plug, Receptacle and Hardware
logo
Molex Electronics Ltd.
2021431001 MOLEX1-2021431001 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug,
2021431003 MOLEX1-2021431003 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
1004361000 MOLEX1-1004361000 Datasheet
40Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug,
2021431002 MOLEX1-2021431002 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
1004361001 MOLEX1-1004361001 Datasheet
40Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
2021431000 MOLEX1-2021431000 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
1004361002 MOLEX1-1004361002 Datasheet
40Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
1001531000 MOLEX1-1001531000 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Right Angle Plug to Straight Plug
1001531003 MOLEX1-1001531003 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Right Angle Plug to Straight Plug
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com