Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G08SE-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC1G08SE-7
Description  SINGLE 2 INPUT POSITIVE AND GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G08SE-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC1G08SE-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G08SE-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G08SE-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G08SE-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G08SE-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G08SE-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G08SE-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G08SE-7 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G08SE-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74LVC1G08
SINGLE 2 INPUT POSITIVE AND GATE
74LVC1G08
Document number: DS32199 Rev. 1 - 2
6 of 11
www.diodes.com
May 2010
© Diodes Incorporated
Switching Characteristics
Over recommended free-air temperature range, CL = 15pF (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
Vcc = 1.8 V
± 0.15V
Vcc = 2.5 V
± 0.2V
Vcc = 3.3 V
± 0.3V
Vcc = 5 V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A or B
Y
1.5
7.2
0.7
4.4
0.8
3.6
0.8
3.4
ns
Over recommended free-air temperature range, CL = 30 or 50pF as noted (see Figure 2)
Parameter
From
(Input)
TO
(OUTPUT)
Vcc = 1.8 V
± 0.15V
Vcc = 2.5 V
± 0.2V
Vcc = 3.3 V
± 0.3V
Vcc = 5 V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A or B
Y
2.4
8.0
1.1
5.5
1.0
4.5
1.0
4.0
ns
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
Vcc = 1.8 V
Vcc = 2.5 V
Vcc = 3.3 V
Vcc = 5 V
Unit
TYP
TYP
TYP
TYP
Cpd
Power dissipation
capacitance
f = 10 MHz
21
24
26
31
pF


Similar Part No. - 74LVC1G08SE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G08SE DIODES-74LVC1G08SE Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
More results

Similar Description - 74LVC1G08SE-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com