Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51005-0400 Datasheet(PDF) 2 Page - MolexKits

Part # 51005-0400
Description  Locking Plug and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

51005-0400 Datasheet(HTML) 2 Page - MolexKits

  51005-0400 Datasheet HTML 1Page - MolexKits 51005-0400 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0189
Molex Part No.
Quantity in
Kit
50012-8100
50
50013-8100
50
51005-0200
5
51005-0300
5
51005-0400
3
51005-0500
3
51006-0200
5
51006-0300
5
51006-0400
3
51006-0500
3
Molex Part No.
63811-7800 *
57046-5000 *
Description
Sweden Hand Crimp Tool, UL Approved
Japan
Japan
Japan
Japan
Japan
Japan
*Tool(s) not included in kit. Tool(s) ordered separately.
USA
Hand Crimper - JAPAN
2.00mm (.079") Pitch Wire-to-Wire Plug Housing, 5 Circuits
Japan
Recommended Molex Tool(s) for Part No. 76650-0189*
Country
of Origin
2.00mm (.079") Pitch Wire-to-Wire Receptacle Housing, 5
Circuits
2.00mm (.079") Pitch Wire-to-Wire Plug Housing, 2 Circuits
2.00mm (.079") Pitch Wire-to-Wire Receptacle Housing, 3
Circuits
2.00mm (.079") Pitch Wire-to-Wire Receptacle Housing, 4
Circuits
Mexico
Description
Country
of Origin
Japan
2.00mm (.079") Pitch Wire-to-Wire Receptacle Housing, 2
Circuits
Female Crimp Terminal, Loose, for 2.00mm (.079") Pitch
51005 Receptacle
Mexico
2.00mm (.079") Pitch Wire-to-Wire Plug Housing, 3 Circuits
2.00mm (.079") Pitch Wire-to-Wire Plug Housing, 4 Circuits
Male Crimp Terminal, Loose, for 2.00mm (.079") Pitch 51006
Plug
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 51005-0400

ManufacturerPart #DatasheetDescription
logo
MolexKits
51005-0400 MOLEXKITS-51005-0400 Datasheet
21Kb / 3P
   Plugs, Receptacles
logo
Molex Electronics Ltd.
51005-0400 MOLEX7-51005-0400 Datasheet
106Kb / 2P
   2.00mm (.079") Pitch Wire-to-Wire Receptacle Housing, 4 Circuits
More results

Similar Description - 51005-0400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-M2600 ETC2-561-M2600 Datasheet
197Kb / 2P
   Locking Hole Plug
561-M2707 ETC2-561-M2707 Datasheet
130Kb / 2P
   Locking Hole Plug
logo
Molex Electronics Ltd.
0622018673 MOLEX11-0622018673 Datasheet
28Kb / 1P
   Plug and Receptacle Housing Press-In Tool for Plug and Receptacle
0622018673 MOLEX-0622018673 Datasheet
28Kb / 1P
   Plug and Receptacle Housing Press-In Tool for Plug and Receptacle
11/02/2021
130146-0143 MOLEX11-130146-0143 Datasheet
44Kb / 1P
   Watertite Male Plug Receptacle with Flip Coverplate with Locking Blade
130146-0141 MOLEX11-130146-0141 Datasheet
44Kb / 1P
   Watertite Male Plug Receptacle with Flip Coverplate with Locking Blade
1301460141 MOLEX11-1301460141 Datasheet
36Kb / 1P
   Watertite Male Plug Receptacle with Flip Coverplate with Locking Blade
1301470141 MOLEX11-1301470141 Datasheet
33Kb / 1P
   Watertite Receptacle with Single Flip Coverplate and Locking Blade
1301470142 MOLEX11-1301470142 Datasheet
33Kb / 1P
   Watertite Receptacle with Single Flip Coverplate and Locking Blade
130147-0142 MOLEX11-130147-0142 Datasheet
40Kb / 1P
   Watertite Receptacle with Single Flip Coverplate and Locking Blade
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com