Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90122-0123 Datasheet(PDF) 2 Page - MolexKits

Part # 90122-0123
Description  Dual Row Right Angle Header and Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

90122-0123 Datasheet(HTML) 2 Page - MolexKits

  90122-0123 Datasheet HTML 1Page - MolexKits 90122-0123 Datasheet HTML 2Page - MolexKits 90122-0123 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0179
Molex Part No.
Quantity in
Kit
90119-2109
100
90142-0006
5
90142-0008
4
90142-0010
4
90142-0012
2
90142-0014
2
90142-0016
2
90122-0123
5
90122-0124
4
90122-0125
4
90122-0126
2
90122-0127
2
90122-0128
2
69008-0140
1
Not For Use With Molex SL™ Components
Ireland
2.54mm (.100") Pitch C-Grid III™ Right Angle Header Dual
Row, 12 Circuit
2.54mm (.100") Pitch C-Grid III™ Right Angle Header Dual
Row, 16 Circuit
2.54mm (.100") Pitch C-Grid III™ Right Angle Header Dual
Row, 14 Circuit
2.54mm (.100") Pitch C-Grid III™ Right Angle Header Dual
Row, 10 Circuit
Bill of Materials for Part No. 76650-0179
2.54mm (.100") Pitch C-Grid III™ Receptacle Dual Row, 12
Circuit
Ireland
C-Grid Insertion Tool
Ireland
2.54mm (.100") Pitch C-Grid III™ Receptacle Dual Row, 16
Circuit
2.54mm (.100") Pitch C-Grid III™ Right Angle Header Dual
Row, 8 Circuit
2.54mm (.100") Pitch C-Grid III™ Right Angle Header Dual
Row, 6 Circuit
Ireland
USA
Ireland
Ireland
Ireland
2.54mm (.100") Pitch C-Grid III™ Receptacle Dual Row, 10
Circuit
Ireland
Country
of Origin
Ireland
Ireland
Ireland
• Easy breakaway to smaller sizes
• High pin retention
• Polarized housings
• High mechanical stability after soldering
• Fully enclosed contact box
• Friction Lock housings
• Contact and plating orientation according
to DIN 41651
• North/south contact orientation avoids
overstress
• Automotive: Air bag sensors, Steering controls,
Sound systems
• Computers and Servers
• Business Machines: Copiers, Printers, Fax
machines
• Measuring Analyzing Equipment
• Large Industrial Equipment
• Medical Instrumentation: Surgical, Dental,
Laboratory Devices
Features and Benefits
Applications
Description
Ireland
2.54mm (.100") Pitch C-Grid III™ Receptacle Dual Row, 14
Circuit
2.54mm (.100") Pitch C-Grid III™ Receptacle Dual Row, 8
Circuit
Ireland
2.54mm (.100") Pitch C-Grid III™ Receptacle Dual Row, 6
Circuit
C-Grid III™ Female Crimp Terminals 24-22 AWG
Recommended Molex Tool(s) for Part No. 76650-0179*
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 3


Similar Part No. - 90122-0123

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
90122 NTE-90122 Datasheet
15Kb / 1P
   1000V CERAMIC DISC
More results

Similar Description - 90122-0123

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0016 MOLEXKITS-76650-0016 Datasheet
39Kb / 2P
   Right Angle Header and Receptacle
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0122 MOLEXKITS-76650-0122 Datasheet
42Kb / 2P
   Right Angle Header and IDT Receptacle
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0113 MOLEXKITS-76650-0113 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0201 MOLEXKITS-76650-0201 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
76650-0202 MOLEXKITS-76650-0202 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com