Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62100-2400 Datasheet(PDF) 1 Page - MolexKits

Part # 62100-2400
Description  Vertical and Right Angle Header, IDT Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

62100-2400 Datasheet(HTML) 1 Page - MolexKits

  62100-2400 Datasheet HTML 1Page - MolexKits 62100-2400 Datasheet HTML 2Page - MolexKits 62100-2400 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0175
Voltage:
Molex's Milli-Grid family of high density connectors is based on a 2.00 by 2.00mm
(.079 by .079") grid pattern. Compared to traditional 2.54mm (.100") pitch
connectors, Milli-Grid connectors offer up to 40% savings in PCB real estate. IDT
(Insulation Displacement Technology) makes for cable-to-board connections.
Circuit Sizes:
General Information
Molex / Waldom
Wire-to-Board
2.0mm (.079")
Kit assembled in U.S.A.
Description:
Product Family:
(Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Design
Configuration:
Part Number:
76650-0175
Manufacturer:
Country of Origin:
Milli-Grid™
Certificates:
Vertical and Right Angle Header, IDT Receptacle
Title:
Milli-Grid Connector Kit
10,14, 30 and 40
Wire Size Style:
125 VoltsDC
Connector Type:
1 Amp
Receptacles and Headers
Vertical and Right Angle
IDT Style (UL2651 and UL2678) flat ribbon cable
Current Rating:
Specifications
Product Highlights
Pitch:
Mounting
Orientation:
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 3


Similar Part No. - 62100-2400

ManufacturerPart #DatasheetDescription
logo
MolexKits
62100-2400 MOLEXKITS-62100-2400 Datasheet
40Kb / 3P
   Vertical Header and IDT Receptacle
More results

Similar Description - 62100-2400

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0122 MOLEXKITS-76650-0122 Datasheet
42Kb / 2P
   Right Angle Header and IDT Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0139 MOLEXKITS-76650-0139 Datasheet
43Kb / 2P
   IDT SMT Right Angle Header and Receptacle
76650-0188 MOLEXKITS-76650-0188 Datasheet
40Kb / 3P
   Vertical Header and IDT Receptacle
76650-0140 MOLEXKITS-76650-0140 Datasheet
44Kb / 2P
   IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0123 MOLEXKITS-76650-0123 Datasheet
42Kb / 2P
   SMT Vertical Header and IDT Receptacle
76650-0137 MOLEXKITS-76650-0137 Datasheet
43Kb / 2P
   IDT SMT Vertical Header and Receptacle
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com