Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63811-8800 Datasheet(PDF) 1 Page - MolexKits

Part # 63811-8800
Description  High Vibration Signal Vertical and Right Angle Header and Receptacle.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

63811-8800 Datasheet(HTML) 1 Page - MolexKits

  63811-8800 Datasheet HTML 1Page - MolexKits 63811-8800 Datasheet HTML 2Page - MolexKits 63811-8800 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0170
3 Amps
Headers and Receptacle
Right Angle and Vertical
Circuit Sizes:
Wire Size:
24-22 AWG
SL (Stackable Linear) is a modular, single row, wire-to-board system, designed for
high density signal applications. These are suitable for low power signal
applications such as computers, medical instruments, and automotive controls.
General Information
Molex / Waldom
Wire-to-Board
2.54mm (.100")
Kit assembled in U.S.A.
Description:
Product Family:
(Molex Parts within this kit) - EU RoHS Compliant
Design
Configuration:
Part Number:
76650-0170
Manufacturer:
Country of Origin:
SL™
Certificates:
High Vibration Signal Vertical and Right Angle Header and Receptacle.
Title:
SL Signal Connector Kit
Specifications
Product Highlights
Pitch:
Mounting
Orientation:
3, 4 and 5
250 Volts
Connector Type:
Voltage:
Current Rating:
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 3


Similar Part No. - 63811-8800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-8800 MOLEX-63811-8800 Datasheet
507Kb / 8P
   Hand Crimp Tool for SL??Crimp Terminals
11-14-08
More results

Similar Description - 63811-8800

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0158 MOLEXKITS-76650-0158 Datasheet
40Kb / 3P
   Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0114 MOLEXKITS-76650-0114 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0106 MOLEXKITS-76650-0106 Datasheet
43Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0156 MOLEXKITS-76650-0156 Datasheet
39Kb / 3P
   Secure and Space Saving Vertical and Right Angle Header, and Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com