Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53627-0674 Datasheet(PDF) 1 Page - MolexKits

Part # 53627-0674
Description  SMT Header Plug and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

53627-0674 Datasheet(HTML) 1 Page - MolexKits

  53627-0674 Datasheet HTML 1Page - MolexKits 53627-0674 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0168
• Mobile Phone
• PDA
• Digital Video Camera
• Digital Still Camera
• Digital Video Player
• Digital Audio Player
• Voice Recorder
• Notebook PC
• Any Compact Applications
Specifications
Product Highlights
Pitch:
Mounting
Orientation:
20, 40, 60 and 80
Mated Heights:
100 Volts
Connector Type:
Design
Configuration:
Part Number:
76650-0168
Manufacturer:
Country of Origin:
SlimStack™
Certificates:
SMT Header Plug and Receptacle
Title:
SlimStack Connector Kit
General Information
Molex / Waldom
Board-to-Board
.635mm (.025")
Kit assembled in U.S.A.
Description:
Product Family:
(Molex Parts within this kit) - EU RoHS Compliant and UL
Current Rating:
Molex's SlimStack connectors are tested to accommodate frequency rates up to 3
GHz for various high-speed applications. With a broad range of circuit sizes and
stack heights, SlimStack offers an economical way to achieve high-speed
performance in both 50 and 100 Ohm systems.
• 3 GHz performance
• Cross Talk < 7%
• 6.00 to 16.00mm stack heights
• Economical design
• For 50 and 100 Ohm applications
• Anti-flux design
• Metal solder tabs provide PCB hold down
and strain relief for SMT tails
• Polarizing pegs assist placement
• Housing lock on 20 to 60 circuits
• Superior terminal design/wipe length
• Easy board processing
Voltage:
(6, 8, 10, 12, 14 and 16) mm
Receptacles and Headers
Vertical
Circuit Sizes:
Features and Benefits
Applications
0.5 Amps
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 53627-0674

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53627-0674 MOLEX7-53627-0674 Datasheet
455Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 10.00 and 16.00mm (.394 and .630") Stacking Heights, Lead-free, 60Circuits, with Embossed Tape with Cover Packaging
More results

Similar Description - 53627-0674

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0128 MOLEXKITS-76650-0128 Datasheet
44Kb / 2P
   Friction Lock Plug and Receptacle and SMT Header
76650-0123 MOLEXKITS-76650-0123 Datasheet
42Kb / 2P
   SMT Vertical Header and IDT Receptacle
76650-0137 MOLEXKITS-76650-0137 Datasheet
43Kb / 2P
   IDT SMT Vertical Header and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0139 MOLEXKITS-76650-0139 Datasheet
43Kb / 2P
   IDT SMT Right Angle Header and Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0126 MOLEXKITS-76650-0126 Datasheet
43Kb / 2P
   SMT Friction Lock Vertical Header and Receptacle
76650-0191 MOLEXKITS-76650-0191 Datasheet
73Kb / 2P
   SMT Right Angle Plug and Receptacle and Backshell Assembiles
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0127 MOLEXKITS-76650-0127 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com