Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73131-5013 Datasheet(PDF) 2 Page - MolexKits

Part # 73131-5013
Description  PCB Mount BNC Vertical and Right Angle Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

73131-5013 Datasheet(HTML) 2 Page - MolexKits

  73131-5013 Datasheet HTML 1Page - MolexKits 73131-5013 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0171
Molex Part No.
Quantity in
Kit
73138-5033
2
73131-5013
2
73100-0080
2
73171-1900
2
73101-0040
2
Taiwan
Country
of Origin
BNC 75 Ohm, Vertical, PCB Receptacle
BNC 50 Ohm, Right Angle, PCB Bulkhead Receptacle
Taiwan
BNC 75 Ohm, Right Angle, PCB Bulkhead Receptacle
Taiwan
Description
Bill of Materials for Part No. 76650-0171
BNC 75 Ohm, Right Angle PCB Bulkhead Receptacle with
Board Locks
BNC 50 Ohm, Vertical, PCB Receptacle, White
Taiwan
Taiwan
No Recommended Molex Tool for Part No. 76650-0171
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 73131-5013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73131-5013 MOLEX11-73131-5013 Datasheet
34Kb / 1P
   BNC 50 Ohm, Vertical PCB Bulkhead Jack Receptacle, Panel Isolated
More results

Similar Description - 73131-5013

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF1-29-D-00-50 ADAM-TECH-RF1-29-D-00-50 Datasheet
96Kb / 1P
   BNC FEMALE RIGHT ANGLE PCB MOUNT
logo
Molex Electronics Ltd.
73171-0560 MOLEX11-73171-0560 Datasheet
32Kb / 1P
   75 Ohms, BNC Right-Angle PCB Receptacle
73100-0105 MOLEX11-73100-0105 Datasheet
32Kb / 1P
   BNC 50 Ohm, Right Angle PCB Jack Receptacle
0731710560 MOLEX11-0731710560 Datasheet
66Kb / 1P
   75 Ohms, BNC Right-Angle PCB Receptacle, Tray
0731710560 MOLEX-0731710560_V01 Datasheet
58Kb / 1P
   75 Ohms, BNC Right-Angle PCB Receptacle, Tray
logo
Winchester Electronics ...
SD353-060-0040H WINCHESTER-SD353-060-0040H Datasheet
82Kb / 1P
   SMA RIGHT ANGLE PCB MOUNT RECEPTACLE
logo
MolexKits
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
logo
Pomona Electronics
6747 POMONA-6747 Datasheet
176Kb / 1P
   BNC (F) PCB Mount Straight, Right Angle - 75 �
logo
Molex Electronics Ltd.
73171-0700 MOLEX11-73171-0700 Datasheet
34Kb / 1P
   75 Ohms, BNC Right-Angle, Low Profile, PCB Jack Receptacle
0731710700 MOLEX-0731710700_V01 Datasheet
58Kb / 1P
   75 Ohms, BNC Right-Angle, Low Profile, PCB Jack Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com