Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63819-0900 Datasheet(PDF) 1 Page - MolexKits

Part # 63819-0900
Description  Plug and Receptacle, 16 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

63819-0900 Datasheet(HTML) 1 Page - MolexKits

  63819-0900 Datasheet HTML 1Page - MolexKits 63819-0900 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0081
16
Panel Mount
Specifications
Features and Benefits
Applications
• Fully isolated terminals
• Positive housing locks
• Four point of contact for reliability
• Low engagement force terminals
• Security and Alarms
• Vending and Gaming Machines
• White Goods
• Production Equipment
• Broadcast Equipment
• Telecom Infrastructure
Current Rating:
Pitch:
Mounting
Orientation:
Manufacturer:
Country of Origin:
Mini-Fit Jr.™
Certificates:
Plug and Receptacle, 16 Circuit
(Molex parts within this kit) - EU and China RoHS, UL, CSA and TUV
General Information
Molex / Waldom
Wire-to-Wire
4.2mm (.165")
Kit assembled in U.S.A.
Description:
Product Family:
Design
Configuration:
Part Number:
76650-0081
6 Amps
Wire size:
600 Volts
Product Highlights
Voltage:
24-18 AWG
Title:
Mini-Fit Jr. Connector Kit
The Mini-Fit Jr. Series is designed for high current/high density applications. The
Mini-Fit Jr. is appropriate for both power and signal applications. The Mini-Fit
product family accepts the same terminals and application tooling, further reducing
your design and qualification effort.
Circuit Sizes:
Connector Type:
Plug and Receptacle
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 63819-0900

ManufacturerPart #DatasheetDescription
logo
MolexKits
63819-0900 MOLEXKITS-63819-0900 Datasheet
39Kb / 2P
   Free Hanging Plug and Receptacle, 3-9 A 250V
63819-0900 MOLEXKITS-63819-0900 Datasheet
38Kb / 2P
   Plug and Receptacle, 10 Circuit
63819-0900 MOLEXKITS-63819-0900 Datasheet
39Kb / 2P
   Right Angle Header and Receptacle
63819-0900 MOLEXKITS-63819-0900 Datasheet
38Kb / 2P
   Plug and Receptacle, 12 Circuit
63819-0900 MOLEXKITS-63819-0900 Datasheet
39Kb / 2P
   Vertical Header and Receptacle
More results

Similar Description - 63819-0900

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0075 MOLEXKITS-76650-0075 Datasheet
38Kb / 2P
   Plug and Receptacle, 4 Circuit
76650-0079 MOLEXKITS-76650-0079 Datasheet
38Kb / 2P
   Plug and Receptacle, 12 Circuit
76650-0080 MOLEXKITS-76650-0080 Datasheet
38Kb / 2P
   Plug and Receptacle, 14 Circuit
76650-0076 MOLEXKITS-76650-0076 Datasheet
38Kb / 2P
   Plug and Receptacle, 6 Circuit
76650-0078 MOLEXKITS-76650-0078 Datasheet
38Kb / 2P
   Plug and Receptacle, 10 Circuit
76650-0077 MOLEXKITS-76650-0077 Datasheet
38Kb / 2P
   Plug and Receptacle, 8 Circuit
76650-0074 MOLEXKITS-76650-0074 Datasheet
38Kb / 2P
   Plug and Receptacle, 2 Circuit
logo
Molex Electronics Ltd.
03-06-1022-P MOLEX11-03-06-1022-P Datasheet
240Kb / 3P
   PLUG AND RECEPTACLE 2 CIRCUIT HOUSINGS
logo
MolexKits
76650-0057 MOLEXKITS-76650-0057 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 15 Circuit
76650-0063 MOLEXKITS-76650-0063 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 2 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com