Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63819-0900 Datasheet(PDF) 2 Page - MolexKits

Part # 63819-0900
Description  Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

63819-0900 Datasheet(HTML) 2 Page - MolexKits

  63819-0900 Datasheet HTML 1Page - MolexKits 63819-0900 Datasheet HTML 2Page - MolexKits 63819-0900 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0158
Molex Part No.
Quantity in
Kit
39-00-0039-C
100
39-00-0041-C
100
15-06-0040
3
15-06-0060
3
15-06-0080
2
15-06-0100
2
15-06-0140
2
15-06-0180
2
15-06-0045
3
15-06-0065
3
15-06-0085
2
15-06-0105
2
15-06-0145
2
15-06-0185
2
15-24-6040
2
USA
• Blindmating Capabilities
• Fully isolated terminals to protect contacts
from damage
• Positive housing locks to mate with Mini-
Fit Jr.
• Standard with drain holes to allow PCB
washing after wave soldering
• Low engagement force terminals
• Security and Alarms
• Vending and Gaming
• White Goods
• High End Computer
• Business Machines
• Storage
• Energy and Power
• Environmental Equipment and Controls
• Production Equipment
• Broadcast Equipment
• Telecom Infrastructure
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Panel
Mount, 8 Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Plug Panel Mount 4
Circuits
USA
USA
USA
USA
USA
4.20mm (.165") Pitch Mini-Fit BMI™ Plug Panel Mount 6
Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Plug Panel Mount 8
Circuits
USA
USA
USA
USA
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Panel
Mount, 10 Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Panel
Mount, 14 Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Panel
Mount, 18 Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Plug Panel Mount 10
Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Plug Panel Mount 14
Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Plug Panel Mount 18
Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Right Angle, 4
Circuits Tin Plating
USA
Bill of Materials for Part No. 76650-0158
Female Crimp Terminals 18-24 AWG
USA
Country
of Origin
USA
USA
USA
Male Crimp Terminals 18-24 AWG
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Panel
Mount, 4 Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Panel
Mount, 6 Circuits
Description
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 3


Similar Part No. - 63819-0900

ManufacturerPart #DatasheetDescription
logo
MolexKits
63819-0900 MOLEXKITS-63819-0900 Datasheet
39Kb / 2P
   Free Hanging Plug and Receptacle, 3-9 A 250V
63819-0900 MOLEXKITS-63819-0900 Datasheet
38Kb / 2P
   Plug and Receptacle, 12 Circuit
63819-0900 MOLEXKITS-63819-0900 Datasheet
39Kb / 2P
   Right Angle Header and Receptacle
63819-0900 MOLEXKITS-63819-0900 Datasheet
38Kb / 2P
   Plug and Receptacle, 14 Circuit
63819-0900 MOLEXKITS-63819-0900 Datasheet
39Kb / 2P
   Vertical Header and Receptacle
More results

Similar Description - 63819-0900

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0114 MOLEXKITS-76650-0114 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0106 MOLEXKITS-76650-0106 Datasheet
43Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0015 MOLEXKITS-76650-0015 Datasheet
39Kb / 2P
   Vertical Header and Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com