Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43178-2002 Datasheet(PDF) 2 Page - MolexKits

Part # 43178-2002
Description  Free Hanging Plug and Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

43178-2002 Datasheet(HTML) 2 Page - MolexKits

  43178-2002 Datasheet HTML 1Page - MolexKits 43178-2002 Datasheet HTML 2Page - MolexKits 43178-2002 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0160
Molex Part No.
Quantity in
Kit
43178-2002-C^
100
43375-1001-C^
100
44441-2002
8
44441-2003
5
44441-2004
4
44441-2005
3
44441-2006
3
43680-2002
8
43680-2003
5
43680-2004
4
43680-2005
3
43680-2006
3
^ Accommodates single or double wire crimps
Molex Part No.
63811-2100 *
63813-0600 *
USA
Features and Benefits
Applications
• Patented new integral Terminal Position
Assurance (TPA) on male and female
terminal virtually eliminates terminal
backout
• Polarized housing assures proper mating
• Positive latch reduces accidental
disengagement from mate
• Terminals are fully isolated in housing
• Blade-terminal design has four points of
electrical contact, provides a more reliable
electrical connection than circular style
terminals
• Current rating up to 18.0A at 600V for high-
current and high-voltage applications
• Residential or commercial appliances
• HVAC equipment
• Computer servers
• Networking equipment
• Office equipment
• Fitness equipment
• Medical equipment
• Retail Security Scanning Systems
• Home Entertainment
• Factory Automation Equipment
• Lighting
• Power Supplies
• Work Stations
• Automotive Aftermarket
4 Circuit 7.5mm (.295") Pitch Sabre™ Receptacle
3 Circuit 7.5mm (.295") Pitch Sabre™ Plug
USA
USA
USA
USA
USA
6 Circuit 7.5mm (.295") Pitch Sabre™ Plug
Recommended Molex Tool(s) for Part No. 76650-0160*
Country
of Origin
Description
Germany Hand Crimp Tool for Male Terminal
Manual Activation and Deactivation Tool for Male Terminal
4 Circuit 7.5mm (.295") Pitch Sabre™ Plug
5 Circuit 7.5mm (.295") Pitch Sabre™ Receptacle
6 Circuit 7.5mm (.295") Pitch Sabre™ Receptacle
2 Circuit 7.5mm (.295") Pitch Sabre™ Plug
5 Circuit 7.5mm (.295") Pitch Sabre™ Plug
USA
USA
USA
Bill of Materials for Part No. 76650-0160
Male Crimp Sabre™ Terminal (18-14) AWG 4.57mm (.180")
max. Ins. Dia.
USA
Country
of Origin
USA
USA
USA
Female Crimp Sabre™ Terminal (18-14) AWG 4.57mm
(.180") max. Ins. Dia.
2 Circuit 7.5mm (.295") Pitch Sabre™ Receptacle
3 Circuit 7.5mm (.295") Pitch Sabre™ Receptacle
Description
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 3


Similar Part No. - 43178-2002

ManufacturerPart #DatasheetDescription
logo
MolexKits
43178-2002 MOLEXKITS-43178-2002 Datasheet
22Kb / 3P
   Plugs, Receptacles
More results

Similar Description - 43178-2002

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0061 MOLEXKITS-76650-0061 Datasheet
38Kb / 2P
   Free Hanging Plug and Receptacle, 1 Circuit
76650-0062 MOLEXKITS-76650-0062 Datasheet
38Kb / 2P
   Free Hanging Plug and Receptacle, 1 Circuit
76650-0017 MOLEXKITS-76650-0017 Datasheet
39Kb / 2P
   Free Hanging Plug and Receptacle, 3-9 A 250V
76650-0159 MOLEXKITS-76650-0159 Datasheet
38Kb / 2P
   3.00mm(.118)Pitch Single Row Free Hanging Plug and Receptacle
logo
TE Connectivity Ltd
C-2106136 TEC-C-2106136 Datasheet
352Kb / 1P
   ASSEMBLY, RECEPTACLE, FREE HANGING, SLIMSEAL SSL CONNECTOR
logo
Tyco Electronics
207359-1 MACOM-207359-1 Datasheet
71Kb / 1P
   HOUSING, RECEPTACLE, 3 POSITION, IN-LINE, FREE HANGING, METRMATE
1445049 MACOM-1445049 Datasheet
52Kb / 1P
   PLUG HOUSING, 2 TO 12 POSITION, SINGLE ROW, FREE HANGING
logo
Molex Electronics Ltd.
03-06-2362 MOLEX11-03-06-2362 Datasheet
38Kb / 1P
   1.57mm Diameter Standard .062 Pin and Socket Plug Housing, 36 Circuits, 4 Rows, Free-Hanging
logo
Tyco Electronics
292156-6 MACOM-292156-6 Datasheet
56Kb / 1P
   FREE HANGING TYPE RELAY POST HEADER ASSY
logo
List of Unclassifed Man...
UTL1122G1W5S ETC2-UTL1122G1W5S Datasheet
324Kb / 1P
   FEMALE FREE HANGING SIZE 12 LAYOUT 8 CONTACTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com