Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

57031-6000 Datasheet(PDF) 4 Page - MolexKits

Part # 57031-6000
Description  Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

57031-6000 Datasheet(HTML) 4 Page - MolexKits

  57031-6000 Datasheet HTML 1Page - MolexKits 57031-6000 Datasheet HTML 2Page - MolexKits 57031-6000 Datasheet HTML 3Page - MolexKits 57031-6000 Datasheet HTML 4Page - MolexKits 57031-6000 Datasheet HTML 5Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0146
15-24-6060
2
15-24-6046
2
15-24-6066
2
15-24-7040
1
15-24-7060
1
39-00-0039
25
39-00-0041
25
43030-0007
10
43031-0007
10
Molex Part No.
Quantity in
Kit
44133-0400
1
44133-0600
1
44300-0400
1
44300-0600
1
44428-0401
1
44428-0601
1
44432-0401
1
44432-0601
1
44764-0401
1
44764-0601
1
44769-0401
1
44769-0601
1
3.00mm (.118") Pitch Micro-Fit 3.0 BMI™ Header, Vertical, 6
Circuits
Micro-Fit 3.0 BMI™ Receptacle Header, Right Angle, 4
Circuits
Micro-Fit 3.0 BMI™ Receptacle Header, Right Angle, 6
Circuits
Micro-Fit 3.0 BMI™ Receptacle Header, Vertical, 4 Circuits
Micro-Fit 3.0 BMI™ Receptacle Header, Vertical, 6 Circuits
Micro-Fit 3.0 BMI™ Plug, Panel Mount, 6 Circuits
Micro-Fit 3.0 BMI™ Header, Right Angle, 4 Circuits
Micro-Fit 3.0 BMI™ Header, Right Angle, 6 Circuits
3.00mm (.118") Pitch Micro-Fit 3.0 BMI™ Header, Vertical, 4
Circuits
Mini-Fit® Female Crimp Terminals (24-18)AWG
Micro-Fit 3.0™ Crimp Terminal, Male, 24-20 AWG
Micro-Fit 3.0 BMI™ Receptacle, Panel Mount, 6 Circuits
Micro-Fit 3.0 BMI™ Plug, Panel Mount, 4 Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Vertical, 4
Circuits Tin Plating
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Vertical, 6
Circuits Tin Plating
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Header,
Vertical, 4 Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Header,
Vertical, 6 Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Right Angle, 6
Circuits Tin Plating
USA
USA
USA
USA
USA
USA
USA
USA
USA
Mini-Fit® Male Crimp Terminals (24-18)AWG
Micro-Fit 3.0™ Crimp Terminal, Female, 24-20 AWG
USA
USA
USA
USA
USA
Bill of Materials for Part No. 76650-0146 continued
Country
of Origin
Description
Micro-Fit 3.0 BMI™ Receptacle, Panel Mount, 4 Circuits
Mexico
Mexico
USA
USA
Mexico
Mexico
Mexico
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 4 of 5


Similar Part No. - 57031-6000

ManufacturerPart #DatasheetDescription
logo
MolexKits
57031-6000 MOLEXKITS-57031-6000 Datasheet
40Kb / 3P
   Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and Receptacle
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com