Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

64001-2100 Datasheet(PDF) 1 Page - MolexKits

Part # 64001-2100
Description  PVC Insulated Bullet Snap Plug and Receptacle, and Non-Insulated Bullet Snap Plug and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

64001-2100 Datasheet(HTML) 1 Page - MolexKits

  64001-2100 Datasheet HTML 1Page - MolexKits 64001-2100 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0051
Terminal Type:
Wire:
3.96mm (.156")
Applications
Product Highlights
Part Number:
76650-0051
Manufacturer:
Country of Origin:
Snap Bullet
Certificates:
PVC Insulated Bullet Snap Plug and Receptacle, and Non-Insulated Bullet Snap
Plug and Receptacle
Title:
Solderless Terminal Kit
Specifications
General Information
Molex / Waldom
Plug and Receptacle
Kit assembled in U.S.A.
Description:
Product Family:
(Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Features and Benefits
Snap Solderless Terminals are easier and quicker to connect / mate. These are
suitable for blind / hidden mating applications. These do not have to mate planarily
like Quick Connects, but radially 360 deg.
• Can be connected and disconnected
repeatedly
• Designed to SAE specifications
• Features a PVC sleeve to protect against
vibration damage by preventing wire flex at
the crimp point
• Funnel entrance into the electrical barrel
(on insulated) eliminates wire strand fold
back and increases crimping rate
• MRO (Maintenance Repair and Operations)
• Automotive
Design
Configuration:
Solderless Terminals / Wire-to-Wire
Diameter:
(22-18) and (16-14) AWG
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 64001-2100

ManufacturerPart #DatasheetDescription
logo
MolexKits
64001-2100 MOLEXKITS-64001-2100 Datasheet
38Kb / 2P
   PVC and Nylon Insulated Bullet Snap Plug and Receptacle, and Insulated Double Bullet Snap Coupler and Non-Insulated Bullet Snap Plug and Receptacle
logo
Molex Electronics Ltd.
64001-2100 MOLEX11-64001-2100 Datasheet
53Kb / 1P
   Hand Crimp Tool
More results

Similar Description - 64001-2100

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0155 MOLEXKITS-76650-0155 Datasheet
38Kb / 2P
   PVC and Nylon Insulated Bullet Snap Plug and Receptacle, and Insulated Double Bullet Snap Coupler and Non-Insulated Bullet Snap Plug and Receptacle
76650-0030 MOLEXKITS-76650-0030 Datasheet
40Kb / 4P
   Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt
logo
Molex Electronics Ltd.
0190390030 MOLEX4-0190390030 Datasheet
119Kb / 2P
   Avikrimp??Bullet Receptacle
logo
Tyco Electronics
B-106-8401CS100 MACOM-B-106-8401CS100 Datasheet
43Kb / 1P
   DURASEAL BULLET RECEPTACLE
logo
MolexKits
76650-0031 MOLEXKITS-76650-0031 Datasheet
38Kb / 2P
   Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Terminals
logo
Molex Electronics Ltd.
0190370004 MOLEX4-0190370004 Datasheet
90Kb / 2P
   Krimptite??Snap Plug Receptacle
logo
Pasternack Enterprises,...
PE91373 PASTERNACK-PE91373 Datasheet
355Kb / 4P
   Slide-On MMBX Plug to MMBX Plug Snap-On Adapter, 7mm Long Bullet
PE91370 PASTERNACK-PE91370 Datasheet
356Kb / 4P
   Slide-On MMBX Plug to MMBX Plug Snap-On Adapter, 4.8mm Long Bullet
PE91372 PASTERNACK-PE91372 Datasheet
355Kb / 4P
   Snap-On MMBX Plug to MMBX Plug Slide-On Adapter, 12mm Long Bullet
logo
Molex Electronics Ltd.
191640052 MOLEX2-191640052 Datasheet
65Kb / 1P
   FULLY INSULATED AVIKRIMP PERMA-SEAL BULLET RECEPT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com