Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD12VS1UB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PESD12VS1UB
Description  ESD protection diodes in SOD523 package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD12VS1UB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PESD12VS1UB Datasheet HTML 5Page - NXP Semiconductors PESD12VS1UB Datasheet HTML 6Page - NXP Semiconductors PESD12VS1UB Datasheet HTML 7Page - NXP Semiconductors PESD12VS1UB Datasheet HTML 8Page - NXP Semiconductors PESD12VS1UB Datasheet HTML 9Page - NXP Semiconductors PESD12VS1UB Datasheet HTML 10Page - NXP Semiconductors PESD12VS1UB Datasheet HTML 11Page - NXP Semiconductors PESD12VS1UB Datasheet HTML 12Page - NXP Semiconductors PESD12VS1UB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PESDXS1UB_SERIES_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2009
9 of 15
NXP Semiconductors
PESDxS1UB series
ESD protection diodes in SOD523 package
Fig 8.
ESD clamping test setup and waveforms
006aaa001
50
RZ
CZ
1
2
D.U.T.: PESDxS1UB
vertical scale = 200 V/div
horizontal scale = 50 ns/div
unclamped
+1 kV ESD voltage waveform
(IEC61000-4-2 network)
clamped
+1 kV ESD voltage waveform
(IEC61000-4-2 network)
unclamped
−1 kV ESD voltage waveform
(IEC61000-4-2 network)
clamped
−1 kV ESD voltage waveform
(IEC61000-4-2 network)
vertical scale = 20 V/div
horizontal scale = 50 ns/div
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 10 V/div
horizontal scale = 50 ns/div
GND
GND
GND
GND
450
RG 223/U
50
Ω coax
ESD TESTER
IEC 61000-4-2 network
CZ = 150 pF; RZ = 330 Ω
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
GND
GND
GND
GND
PESD24VS1UB
PESD15VS1UB
PESD12VS1UB
PESD5V0S1UB
PESD3V3S1UB


Similar Part No. - PESD12VS1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD12VS1UB PHILIPS-PESD12VS1UB Datasheet
111Kb / 15P
   ESD protection diodes in SOD 523 package
Rev. 01-14 June 2004
logo
Nexperia B.V. All right...
PESD12VS1UB NEXPERIA-PESD12VS1UB Datasheet
219Kb / 11P
   ESD protection diode in SOD523 package
29 November 2018
logo
Guangdong Youtai Semico...
PESD12VS1UB UMW-PESD12VS1UB Datasheet
382Kb / 7P
   Unidirectional ESD protection of one line
logo
Nexperia B.V. All right...
PESD12VS1UB-Q NEXPERIA-PESD12VS1UB-Q Datasheet
225Kb / 12P
   ESD protection diode
23 September 2022
More results

Similar Description - PESD12VS1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS1UB PHILIPS-PESDXS1UB Datasheet
123Kb / 15P
   ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
logo
Nexperia B.V. All right...
PESD15VS1UB NEXPERIA-PESD15VS1UB Datasheet
226Kb / 12P
   ESD protection diode in SOD523 package
14 April 2023
PESD3V3S1UB-Q NEXPERIA-PESD3V3S1UB-Q Datasheet
225Kb / 12P
   ESD protection diode in SOD523 package
31 May 2022
PESD12VS1UB NEXPERIA-PESD12VS1UB Datasheet
219Kb / 11P
   ESD protection diode in SOD523 package
29 November 2018
PESD3V3S1UB NEXPERIA-PESD3V3S1UB Datasheet
226Kb / 12P
   ESD protection diode in SOD523 package
11 April 2023
PESD24VS1UB NEXPERIA-PESD24VS1UB Datasheet
220Kb / 11P
   ESD protection diode in SOD523 package
29 November 2018
PESD15VS1UB-Q NEXPERIA-PESD15VS1UB-Q Datasheet
225Kb / 12P
   ESD protection diode in SOD523 package
18 August 2022
logo
Vishay Siliconix
VESD05A1-02V VISHAY-VESD05A1-02V Datasheet
125Kb / 6P
   ESD Protection Diode in SOD523
Rev. 1.0, 04-Apr-05
VESD05A1-02V VISHAY-VESD05A1-02V_08 Datasheet
120Kb / 7P
   ESD-Protection Diode in SOD523
Rev. 1.3, 27-Oct-08
VESD01-02V VISHAY-VESD01-02V Datasheet
383Kb / 5P
   Single ESD Protection Diode in SOD523
Rev. 1.3, 11-Dec-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com