Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

64001-1500 Datasheet(PDF) 1 Page - MolexKits

Part # 64001-1500
Description  Nylon Insulated Ring 3 and 4 Way Ring Splice and # 5-6, # 8, # 10, 1/4 Stud Size Ring Terminal with Universal Crimp Tool
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

64001-1500 Datasheet(HTML) 1 Page - MolexKits

  64001-1500 Datasheet HTML 1Page - MolexKits 64001-1500 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0154
Connector Type:
Ring Terminals and Ring Terminal Splices
(Molex Parts within this kit) - EU RoHS Compliant
Specifications
Insulation:
(3-15) Amps - Dependant on Wire Gauge
Voltage:
Nylon
Features and Benefits
Current Rating:
Applications
General Information
(Wire-to-Wire) and (Wire-to-Board) / Solderless Terminals
Description:
Product Family:
Part Number:
Manufacturer:
Title:
Solderless Terminal Kit
The basic ring tongue type is the safest and most reliable, because it cannot be
disconnected unless the screw is completely removed.
Chamfered barrel edge for faster, easier insertion of wire. Actually gathers frayed
strands by funnel action. Full barrel length, (1/4") long, eliminates loss of time finding
a critical crimping location, besides squeeze-outs and shearing. These terminals
have multiple deep V-notches, which securely grip the wire, providing best contact
and maximum holding power over wide contact area.
# 5-6 (M3-3.5), # 8 (M4), # 10 (M5) and 1/4"
Stud Sizes:
76650-0154
Molex / Waldom
Kit assembled in U.S.A.
Nylon Insulated Ring 3 and 4 Way Ring Splice and # 5-6, # 8, # 10, 1/4" Stud Size
Ring Terminal with Universal Crimp Tool
Splices and (Ring and Spade) Terminals
Wire size:
Product Highlights
Country of Origin:
Certificates:
Design
Configuration:
(22-18), (16-14) and (12-10) AWG
300 or 600 Volts
• Color-coded insulator allows easy
identification of terminal size and wire
gauge.
• Avikrimp provides a metal insulation
support sleeve for superior strain relief
• The color-coded Nylon insulating sleeve
extends beyond the metal support sleeve
• Terminal's funnel entrance is designed for
increased crimping rates by speeding wire
delivery into the crimp section and
eliminating wire strand fold back.
• MRO (Maintenance Repair and Operations)
• Powertrains
• Transportation
• Construction / Mining
• Energy / Power
• Production Equipment
• Instrumentation
• Environmental Equipment and Controls
• Blower Motors
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 64001-1500

ManufacturerPart #DatasheetDescription
logo
MolexKits
64001-1500 MOLEXKITS-64001-1500 Datasheet
46Kb / 3P
   Assorted PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Terminals.
64001-1500 MOLEXKITS-64001-1500 Datasheet
39Kb / 3P
   Assorted PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Solderless Terminals, with Universal Crimping Tool
64001-1500 MOLEXKITS-64001-1500 Datasheet
40Kb / 4P
   Assorted PVC Insulated Quick Disconnect, Ring, Spade, Butt Splice and Multi-Lock Terminals.
64001-1500 MOLEXKITS-64001-1500 Datasheet
38Kb / 2P
   Nylon and PVC Insulated Wire Pin
64001-1500 MOLEXKITS-64001-1500 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
More results

Similar Description - 64001-1500

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YAE22G13BOX HUBBELL-YAE22G13BOX Datasheet
263Kb / 2P
   Nylon insulated multi finger ring terminal 26-20 AWG wire size, #4-#6 stud size
YAE18G43BOX HUBBELL-YAE18G43BOX Datasheet
262Kb / 2P
   Nylon insulated multi finger ring terminal 22-16 AWG wire size, #4-#6 stud size
YAE22G16BOX HUBBELL-YAE22G16BOX Datasheet
263Kb / 2P
   Nylon Insulated Terminal, Ring Tongue, #26 - #20 AN, #4 stud
YAE22G14BOX HUBBELL-YAE22G14BOX Datasheet
263Kb / 2P
   Nylon Insulated Terminal, Ring Tongue, #26 - #20 AN, #6- #8 stud
logo
PANDUIT CORP.
PN18-10R-C PANDUIT-PN18-10R-C Datasheet
75Kb / 1P
   Ring Terminal, Nylon Insulated
logo
List of Unclassifed Man...
RA18-4 ETC2-RA18-4 Datasheet
51Kb / 2P
   Insulated Nylon Ring Terminal For Wire Range 22-16 Stud Size #4, Red
logo
Hubbell Incorporated.
YAE18N1BOX HUBBELL-YAE18N1BOX Datasheet
262Kb / 2P
   Nylon insulated multi finger ring terminal 22-16 AWG wire size, #6-#8 stud size
YAE22G15BOX HUBBELL-YAE22G15BOX Datasheet
262Kb / 2P
   Nylon Insulated Terminal, Ring Tongue, #26 - #20 AN, #8- #10 stud, Amber
YAE14N1BOX90 HUBBELL-YAE14N1BOX90 Datasheet
264Kb / 2P
   Nylon insulated multi finger right angled ring terminal 14 AWG wire size, #6-#8 stud size
logo
Molex Electronics Ltd.
0640017870 MOLEX11-0640017870 Datasheet
29Kb / 1P
   Hand Crimp Tool for 4 AWG Insulated Ring Terminals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com