Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD15VL2BT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD15VL2BT
Description  Low capacitance double bidirectional ESD protection diodes in SOT23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD15VL2BT Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD15VL2BT Datasheet HTML 1Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 2Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 3Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 4Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 5Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 6Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 7Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 8Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PESDXL2BT_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 25 August 2009
5 of 14
NXP Semiconductors
PESDxL2BT series
Low capacitance double bidirectional ESD protection diodes in SOT23
6.
Characteristics
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
PESD3V3L2BT
-
-
3.3
V
PESD5V0L2BT
-
-
5.0
V
PESD12VL2BT
-
-
12
V
PESD15VL2BT
-
-
15
V
PESD24VL2BT
-
-
24
V
IRM
reverse leakage current
PESD3V3L2BT
VRWM = 3.3 V
-
0.09
2
µA
PESD5V0L2BT
VRWM = 5.0 V
-
0.01
1
µA
PESD12VL2BT
VRWM =12V
-
< 1
50
nA
PESD15VL2BT
VRWM =15V
-
< 1
50
nA
PESD24VL2BT
VRWM =24V
-
< 1
50
nA
VBR
breakdown voltage
IR =5mA
PESD3V3L2BT
5.8
6.4
6.9
V
PESD5V0L2BT
7.0
7.6
8.2
V
PESD12VL2BT
14.2
15.8
16.7
V
PESD15VL2BT
17.1
18.8
20.3
V
PESD24VL2BT
25.4
27.8
30.3
V
Cd
diode capacitance
VR =0V;
f=1MHz
PESD3V3L2BT
-
101
-
pF
PESD5V0L2BT
-
75
-
pF
PESD12VL2BT
-
19
-
pF
PESD15VL2BT
-
16
-
pF
PESD24VL2BT
-
11
-
pF
VCL
clamping voltage
[1][2]
PESD3V3L2BT
IPP =1A
-
-
8
V
IPP =15A
-
-
26
V
PESD5V0L2BT
IPP =1A
-
-
10
V
IPP =13A
-
-
28
V
PESD12VL2BT
IPP =1A
-
-
20
V
IPP =5A
-
-
37
V
PESD15VL2BT
IPP =1A
-
-
25
V
IPP =5A
-
-
44
V
PESD24VL2BT
IPP =1A
-
-
40
V
IPP =3A
-
-
70
V


Similar Part No. - PESD15VL2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VL2BT PHILIPS-PESD15VL2BT Datasheet
179Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
logo
TECH PUBLIC Electronics...
PESD15VL2BT TECHPUBLIC-PESD15VL2BT Datasheet
1Mb / 4P
   2-Line Bi-directional TVS Diode
logo
Nexperia B.V. All right...
PESD15VL2BT NEXPERIA-PESD15VL2BT Datasheet
748Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
logo
Guangdong Youtai Semico...
PESD15VL2BT UMW-PESD15VL2BT Datasheet
341Kb / 3P
   Bidirectional and unidirectionalconfigurations
logo
Nexperia B.V. All right...
PESD15VL2BT-Q NEXPERIA-PESD15VL2BT-Q Datasheet
233Kb / 11P
   Low capacitance double bidirectional ESD protection diode
3 May 2022
More results

Similar Description - PESD15VL2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL2BT PHILIPS-PESDXL2BT Datasheet
179Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
logo
Nexperia B.V. All right...
PESDXL2BT_SER NEXPERIA-PESDXL2BT_SER Datasheet
748Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
PESD3V3L2BT-Q NEXPERIA-PESD3V3L2BT-Q Datasheet
235Kb / 10P
   Low capacitance double bidirectional ESD protection diode in SOT23
19 May 2023
logo
Pan Jit International I...
PJEC24MTA PANJIT-PJEC24MTA Datasheet
126Kb / 5P
   LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
PJEC24MTA-AU PANJIT-PJEC24MTA-AU Datasheet
127Kb / 5P
   LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
July 5,2016-REV.00
logo
NXP Semiconductors
PESDXL1BA PHILIPS-PESDXL1BA Datasheet
179Kb / 15P
   Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
PESDXL1BA NXP-PESDXL1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD15VL1BA115 NXP-PESD15VL1BA115 Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com