Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0L2BT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD5V0L2BT
Description  Low capacitance double bidirectional ESD protection diodes in SOT23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0L2BT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD5V0L2BT Datasheet HTML 2Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 3Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 4Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 5Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 6Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 7Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 8Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 9Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PESDXL2BT_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 25 August 2009
6 of 14
NXP Semiconductors
PESDxL2BT series
Low capacitance double bidirectional ESD protection diodes in SOT23
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[2]
Measured from pin 1 to 3 or 2 to 3.
rdif
differential resistance
IR =1mA
PESD3V3L2BT
-
-
400
PESD5V0L2BT
-
-
80
PESD12VL2BT
-
-
200
PESD15VL2BT
-
-
225
PESD24VL2BT
-
-
300
Table 8.
Characteristics …continued
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - PESD5V0L2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L2BT PHILIPS-PESD5V0L2BT Datasheet
179Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
logo
Shanghai Leiditech Elec...
PESD5V0L2BT LEIDITECH-PESD5V0L2BT Datasheet
218Kb / 3P
   2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
logo
TECH PUBLIC Electronics...
PESD5V0L2BT TECHPUBLIC-PESD5V0L2BT Datasheet
1Mb / 4P
   2-Line Bi-directional TVS Diode
logo
Nexperia B.V. All right...
PESD5V0L2BT NEXPERIA-PESD5V0L2BT Datasheet
748Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
logo
Guangdong Youtai Semico...
PESD5V0L2BT UMW-PESD5V0L2BT Datasheet
303Kb / 3P
   350W peak pulse power (tp=8/20μs)
More results

Similar Description - PESD5V0L2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL2BT PHILIPS-PESDXL2BT Datasheet
179Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
logo
Nexperia B.V. All right...
PESDXL2BT_SER NEXPERIA-PESDXL2BT_SER Datasheet
748Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
PESD3V3L2BT-Q NEXPERIA-PESD3V3L2BT-Q Datasheet
235Kb / 10P
   Low capacitance double bidirectional ESD protection diode in SOT23
19 May 2023
logo
Pan Jit International I...
PJEC24MTA PANJIT-PJEC24MTA Datasheet
126Kb / 5P
   LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
PJEC24MTA-AU PANJIT-PJEC24MTA-AU Datasheet
127Kb / 5P
   LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
July 5,2016-REV.00
logo
NXP Semiconductors
PESDXL1BA PHILIPS-PESDXL1BA Datasheet
179Kb / 15P
   Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
PESDXL1BA NXP-PESDXL1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD15VL1BA115 NXP-PESD15VL1BA115 Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com