Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

502494-0470 Datasheet(PDF) 2 Page - MolexKits

Part # 502494-0470
Description  Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

502494-0470 Datasheet(HTML) 2 Page - MolexKits

  502494-0470 Datasheet HTML 1Page - MolexKits 502494-0470 Datasheet HTML 2Page - MolexKits 502494-0470 Datasheet HTML 3Page - MolexKits 502494-0470 Datasheet HTML 4Page - MolexKits 502494-0470 Datasheet HTML 5Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0150
Molex Part No.
Quantity in
Kit
50641-8141
25
50753-8141
25
51146-0200
2
51146-0600
2
51146-0900
2
53780-0270-P
2
53780-0670-P
2
53780-0970-P
2
502438-0100
50
502439-0400
2
502439-0600
2
502439-0800
2
502443-0470
2
502443-0670
2
502443-0870
2
502494-0470
2
Japan
Japan
Japan
2.0mm (.079") Pitch CLIK-Mate™, 6 Circuit Plug Housing
2.0mm (.079") Pitch CLIK-Mate™, 8 Circuit Plug Housing
2.0mm (.079") Pitch CLIK-Mate™, 8 Circuit Receptacle
Vertical SMT
Japan
Japan
2.0mm (.079") Pitch CLIK-Mate™, 4 Circuit Receptacle
Vertical SMT
Japan
Japan
1.25mm (.049") Pitch PanelMate™, 9 Circuit Right Angle
Header
Bill of Materials for Part No. 76650-0150
PanelMate™ Female Terminal 30-28 AWG
PanelMate™ Female Terminal 32-30 AWG
Japan
CLIK-Mate™ Male Crimp Terminal 26-22 AWG Loose
Country
of Origin
1.25mm (.049") Pitch PanelMate™, 6 Circuit Right Angle
Header
Japan
Description
1.25mm (.049") Pitch PanelMate™, 2 Circuit Right Angle
Header
1.25mm (.049") Pitch PanelMate™, 2 Circuit Ultra Low-Profile
Receptacle
1.25mm (.049") Pitch PanelMate™, 6 Circuit Ultra Low-Profile
Receptacle
1.25mm (.049") Pitch PanelMate™, 9 Circuit Ultra Low-Profile
Receptacle
Japan
Japan
Japan
Japan
Japan
Japan
Japan
2.0mm (.079") Pitch CLIK-Mate™, 4 Circuit Plug Housing
2.0mm (.079") Pitch CLIK-Mate™, 6 Circuit Receptacle
Vertical SMT
2.0mm (.079") Pitch CLIK-Mate™, 4 Circuit Receptacle Right
Angle SMT
Features and Benefits
Applications
• Tuning fork style contact design Secure
contact, and avoids terminal stubbing
• Flat area for pick-and-place Easy automatic
board placement
• Audible "click", low insertion force and
secure mating / Inner positive lock Latch
protection, secure mating, audible "click"
• Box-style contact Protects contact area /
Two-point contact design Secure electrical
contact, High current capable
• Polarizing features Ensures proper mating /
Reinforced metal solder tabs Secure PCB
retention
• Appliances White Goods
• Automotive
• Home Applications LCD/PDP TVs Consumer
• Computer Data Communication equipment
Vending and Gaming
• Industrial and Business Equipment Office machines
Medical
• Any application requiring superior mating
assurance
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 5


Similar Part No. - 502494-0470

ManufacturerPart #DatasheetDescription
logo
MolexKits
502494-0470 MOLEXKITS-502494-0470 Datasheet
39Kb / 3P
   SMT Dual Positive lock Vertical and Right Angle Plug and Receptacle, 2.0mm (.079)
502494-0470 MOLEXKITS-502494-0470 Datasheet
23Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
502494-0470 MOLEX11-502494-0470 Datasheet
271Kb / 5P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 4 Circuits
502494-0470 MOLEX-502494-0470 Datasheet
259Kb / 3P
   EMBOSSED TAPE PACKAGE FOR 502494
More results

Similar Description - 502494-0470

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2157102125 MOLEX-2157102125 Datasheet
40Kb / 1P
   Pre-Crimped Lead Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 450.00mm Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 450.00mm
0151350205 MOLEX1-0151350205 Datasheet
49Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
0151350301 MOLEX1-0151350301 Datasheet
51Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
87421-0000 MOLEX-87421-0000 Datasheet
284Kb / 2P
   1.50mm (.059") Pitch Pico-SPOX?
0797580016 MOLEX1-0797580016_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 300mm, 24 AWG
0797581007 MOLEX1-0797581007 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 300mm, 24 AWG
0151350603 MOLEX1-0151350603_18 Datasheet
53Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm
0151350300 MOLEX-0151350300 Datasheet
50Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm
0797580008 MOLEX1-0797580008_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 150mm, 24 AWG
0797581015 MOLEX1-0797581015 Datasheet
41Kb / 1P
   Pre-Crimped Lead CLIK-Mate 2.00mm Female-to-CLIK-Mate 2.00mm Female, 300mm,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com