Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

502443-0470 Datasheet(PDF) 3 Page - MolexKits

Part # 502443-0470
Description  Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

502443-0470 Datasheet(HTML) 3 Page - MolexKits

  502443-0470 Datasheet HTML 1Page - MolexKits 502443-0470 Datasheet HTML 2Page - MolexKits 502443-0470 Datasheet HTML 3Page - MolexKits 502443-0470 Datasheet HTML 4Page - MolexKits 502443-0470 Datasheet HTML 5Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0150
502494-0670
2
502494-0870
2
87421-0000-C
100
87437-0343-P
2
87437-0443-P
2
87437-0643-P
2
87438-0343-P
2
87438-0443-P
2
87438-0643-P
2
87439-0300
2
87439-0400
2
87439-0600
2
50212-8100
100
35507-0300
2
35507-0400
2
35507-0600
2
35362-0350
2
35362-0450
2
35362-0650
2
35363-0360
2
35363-0460
2
35363-0660
2
56134-9100
25
51353-0800
2
51353-1200
2
51353-1400
2
55959-0830
2
55959-1230
2
Japan
2.00mm (.079") Pitch MicroClasp™ 8 Circuit Right Angle
Header Dual Row
Japan
2.00mm (.079") Pitch MicroClasp™ 12 Circuit Right Angle
Header Dual Row
Japan
2.00mm (.079") Pitch MicroClasp™ 12 Circuit Receptacle
Dual Row
Japan
2.00mm (.079") Pitch MicroClasp™ 14 Circuit Receptacle
Dual Row
Japan
MicroClasp™ Female Terminal 26-22 AWG
Japan
2.00mm (.079") Pitch MicroClasp™ 8 Circuit Receptacle Dual
Row
KOREA 2.0mm Pitch Sherlock™, 4 Circuit Right Angle Header
KOREA 2.0mm Pitch Sherlock™, 6 Circuit Right Angle Header
KOREA 2.0mm Pitch Sherlock™, 6 Circuit Vertical Header
KOREA 2.0mm Pitch Sherlock™, 3 Circuit Right Angle Header
KOREA 2.0mm Pitch Sherlock™, 3 Circuit Vertical Header
KOREA 2.0mm Pitch Sherlock™, 4 Circuit Vertical Header
KOREA 2.0mm Pitch Sherlock™, 4 Circuit Receptacle Housing
KOREA 2.0mm Pitch Sherlock™, 6 Circuit Receptacle Housing
SINGAPORE
1.50mm (.059") Pitch Pico-Spox™, 4 Circuit, Receptacle
Housing
KOREA 2.0mm Pitch Sherlock™, 3 Circuit Receptacle Housing
SINGAPORE
1.50mm (.059") Pitch Pico-Spox™, 4 Circuit, Vert., SMT,
Header
SINGAPORE
1.50mm (.059") Pitch Pico-Spox™, 6 Circuit, Vert., SMT,
Header
SINGAPORE
1.50mm (.059") Pitch Pico-Spox™, 3 Circuit, R/A, SMT,
Header
Japan
Female Loose Crimp Terminal 30-24 AWG
SINGAPORE
1.50mm (.059") Pitch Pico-Spox™, 4 Circuit, R/A, SMT,
Header
SINGAPORE
1.50mm (.059") Pitch Pico-Spox™, 6 Circuit, R/A, SMT,
Header
SINGAPORE
1.50mm (.059") Pitch Pico-Spox™, 3 Circuit, Receptacle
Housing
SINGAPORE
Japan
2.0mm (.079") Pitch CLIK-Mate™, 8 Circuit Receptacle Right
Angle SMT
2.0mm (.079") Pitch CLIK-Mate™, 6 Circuit Receptacle Right
Angle SMT
Japan
Pico-Spox™ Female Crimp Terminal, Tin (Sn), 24-30 AWG
SINGAPORE
1.50mm (.059") Pitch Pico-Spox™, 3 Circuit, Vert., SMT,
Header
SINGAPORE
1.50mm (.059") Pitch Pico-Spox™, 6 Circuit, Receptacle
Housing
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 3 of 5


Similar Part No. - 502443-0470

ManufacturerPart #DatasheetDescription
logo
MolexKits
502443-0470 MOLEXKITS-502443-0470 Datasheet
39Kb / 3P
   SMT Dual Positive lock Vertical and Right Angle Plug and Receptacle, 2.0mm (.079)
502443-0470 MOLEXKITS-502443-0470 Datasheet
23Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
502443-0470 MOLEX11-502443-0470 Datasheet
289Kb / 5P
   2.00mm (.079") Pitch CLIK-Mate??Wire-to-Board PCB Receptacle, Single Row,Vertical, 4 Circuits
More results

Similar Description - 502443-0470

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2157102125 MOLEX-2157102125 Datasheet
40Kb / 1P
   Pre-Crimped Lead Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 450.00mm Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 450.00mm
0151350205 MOLEX1-0151350205 Datasheet
49Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
0151350301 MOLEX1-0151350301 Datasheet
51Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
87421-0000 MOLEX-87421-0000 Datasheet
284Kb / 2P
   1.50mm (.059") Pitch Pico-SPOX?
0797580016 MOLEX1-0797580016_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 300mm, 24 AWG
0797581007 MOLEX1-0797581007 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 300mm, 24 AWG
0151350603 MOLEX1-0151350603_18 Datasheet
53Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm
0151350300 MOLEX-0151350300 Datasheet
50Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm
0797580008 MOLEX1-0797580008_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 150mm, 24 AWG
0797581015 MOLEX1-0797581015 Datasheet
41Kb / 1P
   Pre-Crimped Lead CLIK-Mate 2.00mm Female-to-CLIK-Mate 2.00mm Female, 300mm,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com