Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0S1BL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESD5V0S1BL
Description  Low capacitance bidirectional ESD protection diodes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0S1BL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESD5V0S1BL Datasheet HTML 3Page - NXP Semiconductors PESD5V0S1BL Datasheet HTML 4Page - NXP Semiconductors PESD5V0S1BL Datasheet HTML 5Page - NXP Semiconductors PESD5V0S1BL Datasheet HTML 6Page - NXP Semiconductors PESD5V0S1BL Datasheet HTML 7Page - NXP Semiconductors PESD5V0S1BL Datasheet HTML 8Page - NXP Semiconductors PESD5V0S1BL Datasheet HTML 9Page - NXP Semiconductors PESD5V0S1BL Datasheet HTML 10Page - NXP Semiconductors PESD5V0S1BL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PESD5V0S1BA_BB_BL_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 20 August 2009
7 of 15
NXP Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
Fig 7.
ESD clamping test setup and waveforms
006aaa056
50
RZ
CZ
PESD5V0S1Bx
vertical scale = 200 V/div
horizontal scale = 50 ns/div
unclamped
+1 kV ESD voltage waveform
(IEC61000-4-2 network)
clamped
+1 kV ESD voltage waveform
(IEC61000-4-2 network)
unclamped
−1 kV ESD voltage waveform
(IEC61000-4-2 network)
clamped
−1 kV ESD voltage waveform
(IEC61000-4-2 network)
vertical scale = 10 V/div
horizontal scale = 50 ns/div
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 10 V/div
horizontal scale = 50 ns/div
GND
GND
GND
GND
450
RG 223/U
50
Ω coax
ESD TESTER
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
IEC 61000-4-2 network
CZ = 150 pF; RZ = 330 Ω


Similar Part No. - PESD5V0S1BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S1BL PHILIPS-PESD5V0S1BL Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
PESD5V0S1BL NXP-PESD5V0S1BL Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
   ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
logo
Shanghai Leiditech Elec...
PESD5V0S1BL LEIDITECH-PESD5V0S1BL Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Nexperia B.V. All right...
PESD5V0S1BL NEXPERIA-PESD5V0S1BL Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
More results

Similar Description - PESD5V0S1BL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
PESD5V0S1BL PHILIPS-PESD5V0S1BL Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
logo
Vishay Siliconix
GCDA15C-1 VISHAY-GCDA15C-1 Datasheet
72Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diodes
Rev. 1.1, 19-Oct-04
logo
Nexperia B.V. All right...
PESD5V0S1BA-V01 NEXPERIA-PESD5V0S1BA-V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
Pan Jit International I...
PJEC24MTA PANJIT-PJEC24MTA Datasheet
126Kb / 5P
   LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
logo
NXP Semiconductors
PESD5V0V2BMB PHILIPS-PESD5V0V2BMB_15 Datasheet
219Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
17 August 2015
PESD5V0V1BA PHILIPS-PESD5V0V1BA_15 Datasheet
272Kb / 14P
   Very low capacitance bidirectional ESD protection diodes
Rev. 2-9 November 2012
logo
Nexperia B.V. All right...
PESD5V0X1BQ NEXPERIA-PESD5V0X1BQ Datasheet
208Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
28 December 2022
logo
NXP Semiconductors
PESD5V0X1BT NXP-PESD5V0X1BT Datasheet
83Kb / 13P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com