Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0S2BT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD5V0S2BT
Description  Low capacitance bidirectional double ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0S2BT Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD5V0S2BT Datasheet HTML 1Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 2Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 3Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 4Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 5Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 6Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 7Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 8Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PESD5V0S2BT_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 February 2009
4 of 12
NXP Semiconductors
PESD5V0S2BT
Low capacitance bidirectional double ESD protection diode
6.
Characteristics
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform.
[2]
Measured from pin 1 to 3 or pin 2 to 3.
Table 8.
Electrical characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
-
-
5
V
IRM
reverse leakage current
VRWM = 5 V
-
5
100
nA
VCL
clamping voltage
IPP =1A
[1][2] --10
V
IPP =12A
[1][2] --14
V
VBR
breakdown voltage
IR = 1 mA
5.5
-
9.5
V
rdif
differential resistance
IR = 1 mA
--50
Cd
diode capacitance
f = 1 MHz; VR = 0 V
-
3545pF
Tamb =25 °C
tp = 8/20 µs exponential decay waveform
Fig 3.
Peak pulse power dissipation as a function of
pulse duration; typical values
Fig 4.
Relative variation of peak pulse power as a
function of junction temperature; typical
values
001aaa632
tp (µs)
1104
103
10
102
102
103
PPP
(W)
10
Tj (°C)
0
200
150
50
100
001aaa633
0.4
0.8
1.2
PPP
0
PPP(25°C)


Similar Part No. - PESD5V0S2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S2BT PHILIPS-PESD5V0S2BT Datasheet
74Kb / 11P
   Low capacitance bi-directional double ESD protection diode in SOT23 package
Rev. 02-27 May 2004
logo
Nexperia B.V. All right...
PESD5V0S2BT NEXPERIA-PESD5V0S2BT Datasheet
210Kb / 12P
   Low capacitance bidirectional double ESD protection diode
23 August 2018
logo
Guangdong Youtai Semico...
PESD5V0S2BT UMW-PESD5V0S2BT Datasheet
621Kb / 4P
   300 W peak pulse power (tp = 8/20μs)
logo
Nexperia B.V. All right...
PESD5V0S2BT-Q NEXPERIA-PESD5V0S2BT-Q Datasheet
228Kb / 12P
   Low capacitance bidirectional double ESD protection diode
24 April 2023
More results

Similar Description - PESD5V0S2BT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD15VL2BT-Q NEXPERIA-PESD15VL2BT-Q Datasheet
233Kb / 11P
   Low capacitance double bidirectional ESD protection diode
3 May 2022
PESD5V0S2BT-Q NEXPERIA-PESD5V0S2BT-Q Datasheet
228Kb / 12P
   Low capacitance bidirectional double ESD protection diode
24 April 2023
PESD5V0S2BT NEXPERIA-PESD5V0S2BT Datasheet
210Kb / 12P
   Low capacitance bidirectional double ESD protection diode
23 August 2018
logo
NXP Semiconductors
PESD5V0U2BT PHILIPS-PESD5V0U2BT Datasheet
78Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
Rev. 01-27 March 2007
logo
Nexperia B.V. All right...
PESD5V0U2BT NEXPERIA-PESD5V0U2BT Datasheet
215Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
17 April 2023
logo
NXP Semiconductors
PESD5V0U2BT NXP-PESD5V0U2BT Datasheet
78Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
Rev. 01-27 March 2007
logo
Nexperia B.V. All right...
PESD5V0U2BT-Q NEXPERIA-PESD5V0U2BT-Q Datasheet
216Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
29 August 2022
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
   ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
logo
Nexperia B.V. All right...
PESD3V3L2BT-Q NEXPERIA-PESD3V3L2BT-Q Datasheet
235Kb / 10P
   Low capacitance double bidirectional ESD protection diode in SOT23
19 May 2023
PESD3V3V1BL NEXPERIA-PESD3V3V1BL Datasheet
251Kb / 13P
   Low capacitance bidirectional ESD protection diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com