Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74320-3000 Datasheet(PDF) 2 Page - MolexKits

Part # 74320-3000
Description  Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

74320-3000 Datasheet(HTML) 2 Page - MolexKits

  74320-3000 Datasheet HTML 1Page - MolexKits 74320-3000 Datasheet HTML 2Page - MolexKits 74320-3000 Datasheet HTML 3Page - MolexKits 74320-3000 Datasheet HTML 4Page - MolexKits 74320-3000 Datasheet HTML 5Page - MolexKits 74320-3000 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0143
The USB (Universal Serial Bus) connector has been one of the most popular I/O
connectors for the PC industry due to it' s low cost and hot plugging feature. It was
developed to integrate a variety of existing PC I/O ports into a single interface with
hot-plugging, automatic configuration capabilities and increased bandwidth to
enhance serial I/O throughput.
Molex's mini-B™ USB OTG (On-The-Go) connectors and cables help enable mobile
devices to exchange data directly without the need for a host PC. All Molex USB
OTG connectors are compatible with the On-The-Go supplement (Rev. 1.0) to the
USB 2.0 specification, and operate at speeds up to 480Mbps.
The new Micro-USB connector technology has given the opportunity for portable
device and mobile phone makers to further reduce their real estate
in their applications. The Molex Micro-USB supports the current USB OTG
supplement. This allows communication between portable devices without
going through a host.
The MicroCross™ DVI (Digital Visual Interface) connector family is based on
an innovative use of "crossing" ground blades to provide high-speed electrical
performance and a high-bandwidth in a low-cost connector.
Molex's HDMI^ (High Definition Multimedia Interface) connectors and cable
assemblies provide an uncompressed digital link between consumer
electronics equipment and audio/video monitors. HDMI is a small, user-friendly
interconnect that can carry up to 5 Gbps of combined video and audio in a single
cable. This system eliminates the cost, complexity and confusion of multiple cables
used to connect current A/V systems.
^ High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
The DisplayPort* is designed for internal and external system solution for high
bandwidth audio and video data transfer in the notebook and PC market. It reduces
cost (by having high definition digital audio-video and graphics stream via the
interface through the same cable) and provides ease of use (through the plug-and-
play feature), making it user-friendly for consumers. It also provides
performance scalability for future developments of high quality displays, high color
depths and high refresh rates display.
* DisplayPort is a Trademark of VESA
Product Highlights
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 6


Similar Part No. - 74320-3000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74320-3000 MOLEX8-74320-3000 Datasheet
258Kb / 4P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Vertical
logo
MolexKits
74320-3000 MOLEXKITS-74320-3000 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
More results

Similar Description - 74320-3000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887328600 MOLEX1-0887328600 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m
0887328900 MOLEX1-0887328900 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 2.0m
0887328912 MOLEX1-0887328912_18 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 2.0m
0887328510 MOLEX1-0887328510 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1,0.80m Length, White
0887328500 MOLEX1-0887328500 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,0.80m Length, White
0887328800 MOLEX1-0887328800 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, White
0887328802 MOLEX1-0887328802_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, Black
0887328502 MOLEX1-0887328502_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,0.80m Length, Black
0887328702 MOLEX1-0887328702_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.50m Length, Black
0887328610 MOLEX1-0887328610 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 1.0m Length, White
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com