Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74320-5000 Datasheet(PDF) 3 Page - MolexKits

Part # 74320-5000
Description  Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

74320-5000 Datasheet(HTML) 3 Page - MolexKits

  74320-5000 Datasheet HTML 1Page - MolexKits 74320-5000 Datasheet HTML 2Page - MolexKits 74320-5000 Datasheet HTML 3Page - MolexKits 74320-5000 Datasheet HTML 4Page - MolexKits 74320-5000 Datasheet HTML 5Page - MolexKits 74320-5000 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0143
Features and Benefits
Applications
• Supports both analog and digital signals
• Plug and play interface (without shutting
down or reconfiguring)
• Excellent EMI/RFI (Fully Shielded)
• LFH™ contact design is rugged and
reliable, provides two points of contact
for optimal signal integrity
• Protruding shield, first make - last break
for ESD considerations
• Single and dual link digital signaling
allows high speed digital transmission
(4.95 Gbps and 9.9 Gbps)
• Analog coaxial lines allow high speed
transmission (2.5 GHz)
• Carries uncompressed audio / video in
a single cable (5 Gbps)
• HDMI^ to DVI cables are DVI backward
compatible
• Fully shielded ESD protection
• Triad signal layout, low impedance
mismatch
• Detent locks, strong mating between
plug and receptacle
• Metal shielding on all sides against EMI
• Small footprint, less PCB real estate
• Latches, for long cable latching
• Solder tab, secure PCB retention
• Desktop computers
• Multimedia equipment
• Flat panel displays
• Digital TVs/Plasma Displays/LCDs
• Audio/Video Receivers
• Set-Top Boxes
• DVD Players/Recorders/D-VHS Players
• High Definition Monitors
• PC (Personal Computer)
• External display interconnect
• Projector
• TV display
• DVD player
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 3 of 6


Similar Part No. - 74320-5000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74320-5000 MOLEX8-74320-5000 Datasheet
231Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Vertical, 0.76關m (30關") Gold (Au), Lead Free, Screw Hole, 4-40 Thread, 24
logo
MolexKits
74320-5000 MOLEXKITS-74320-5000 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
More results

Similar Description - 74320-5000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887328600 MOLEX1-0887328600 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m
0887328900 MOLEX1-0887328900 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 2.0m
0887328912 MOLEX1-0887328912_18 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 2.0m
0887328510 MOLEX1-0887328510 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1,0.80m Length, White
0887328500 MOLEX1-0887328500 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,0.80m Length, White
0887328800 MOLEX1-0887328800 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, White
0887328802 MOLEX1-0887328802_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, Black
0887328502 MOLEX1-0887328502_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,0.80m Length, Black
0887328702 MOLEX1-0887328702_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.50m Length, Black
0887328610 MOLEX1-0887328610 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 1.0m Length, White
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com