Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805H124K4GACTU Datasheet(PDF) 5 Page - Kemet Corporation

Part # C0805H124K4GACTU
Description  Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805H124K4GACTU Datasheet(HTML) 5 Page - Kemet Corporation

  C0805H124K4GACTU Datasheet HTML 1Page - Kemet Corporation C0805H124K4GACTU Datasheet HTML 2Page - Kemet Corporation C0805H124K4GACTU Datasheet HTML 3Page - Kemet Corporation C0805H124K4GACTU Datasheet HTML 4Page - Kemet Corporation C0805H124K4GACTU Datasheet HTML 5Page - Kemet Corporation C0805H124K4GACTU Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F4002 01/10
Thickness
Code
Chip
Size
Thickness ±
Range (mm)
Qty per Reel
7” Plastic
Qty per Reel
13” Plastic
Qty per Reel
7” Paper
Qty per Reel
13” Paper
Qty per Bulk
Cassette
AA
01005
0.20 ± 0.02
--
--
15000
--
--
AB
0201
0.30 ± 0.03
--
--
15000
--
--
BB
0402
0.50 ± 0.05
--
--
10000
50000
50000
CB
0603
0.80 ± 0.07
--
--
4000
10000
15000
CC
0603
0.80 ± 0.10
--
--
4000
10000
--
CD
0603
0.80 ± 0.15
--
--
4000
10000
--
DB
0805
0.60 ± 0.10
--
--
4000
10000
10000
DC
0805
0.78 ± 0.10
--
--
4000
10000
--
DD
0805
0.90 ± 0.10
--
--
4000
10000
--
DE
0805
1.00 ± 0.10
2500
10000
--
--
--
DF
0805
1.10 ± 0.10
2500
10000
--
--
--
DG
0805
1.25 ± 0.15
2500
10000
--
--
--
DH
0805
1.25 ± 0.20
2500
10000
--
--
--
DL
0805
0.95 ± 0.10
4000
10000
--
--
EB
1206
0.78 ± 0.10
4000
10000
4000
10000
--
EC
1206
0.90 ± 0.10
4000
10000
--
--
--
ED
1206
1.00 ± 0.10
2500
10000
--
--
--
EE
1206
1.10 ± 0.10
2500
10000
--
--
--
EF
1206
1.20 ± 0.15
2500
10000
--
--
--
EG
1206
1.60 ± 0.15
2000
8000
--
--
--
EH
1206
1.60 ± 0.20
2000
8000
--
--
--
EJ
1206
1.70 ± 0.20
2000
8000
--
--
--
EK
1206
0.80 ± 0.10
2000
8000
--
--
--
EM
1206
1.25 ± 0.15
2500
10000
--
--
--
EN
1206
0.95 ± 0.10
4000
10000
--
--
--
FB
1210
0.78 ± 0.10
4000
10000
--
--
--
FC
1210
0.90 ± 0.10
4000
10000
--
--
--
FD
1210
0.95 ± 0.10
4000
10000
--
--
--
FE
1210
1.00 ± 0.10
2500
10000
--
--
--
FF
1210
1.10 ± 0.10
2500
10000
--
--
--
FG
1210
1.25 ± 0.15
2500
10000
--
--
--
FH
1210
1.55 ± 0.15
2000
8000
--
--
--
FJ
1210
1.85 ± 0.20
2000
8000
--
--
--
FK
1210
2.10 ± 0.20
2000
8000
--
--
--
FL
1210
1.40 ± 0.15
2000
8000
--
--
--
FM
1210
1.70 ± 0.20
2000
8000
--
--
--
FN
1210
1.85 ± 0.20
2000
8000
--
--
--
FO
1210
1.50 ± 0.20
2000
8000
--
--
--
FP
1210
1.60 ± 0.20
2000
8000
--
--
--
FR
1210
2.25 ± 0.20
2000
8000
--
--
--
FS
1210
2.50 ± 0.20
1000
4000
--
--
--
FT
1210
1.90 ± 0.20
1500
4000
--
--
--
GB
1812
1.00 ± 0.10
1000
4000
--
--
--
GC
1812
1.10 ± 0.10
1000
4000
--
--
--
GD
1812
1.25 ± 0.15
1000
4000
--
--
--
GE
1812
1.30 ± 0.10
1000
4000
--
--
--
GF
1812
1.50 ± 0.10
1000
4000
--
--
--
GG
1812
1.55 ± 0.10
1000
4000
--
--
--
GH
1812
1.40 ± 0.15
1000
4000
--
--
--
GJ
1812
1.70 ± 0.15
1000
4000
--
--
--
GK
1812
1.60 ± 0.20
1000
4000
--
--
--
GL
1812
1.90 ± 0.20
1000
4000
--
--
--
GM
1812
2.00 ± 0.20
1000
4000
--
--
--
GN
1812
1.70 ± 0.20
1000
4000
--
--
--
GO
1812
2.50 ± 0.20
500
2000
--
--
--
HB
1825
1.10 ± 0.15
1000
4000
--
--
--
HC
1825
1.15 ± 0.15
1000
4000
--
--
--
HD
1825
1.30 ± 0.15
1000
4000
--
--
--
HE
1825
1.40 ± 0.15
1000
4000
--
--
--
HF
1825
1.50 ± 0.15
1000
4000
--
--
--
HG
1825
1.60 ± 0.20
1000
4000
--
--
--
JB
2220
1.00 ± 0.15
1000
4000
--
--
--
JC
2220
1.10 ± 0.15
1000
4000
--
--
--
JD
2220
1.30 ± 0.15
1000
4000
--
--
--
JE
2220
1.40 ± 0.15
1000
4000
--
--
--
JF
2220
1.50 ± 0.15
1000
4000
--
--
--
JG
2220
1.70 ± 0.15
1000
4000
--
--
--
JH
2220
1.80 ± 0.15
1000
4000
--
--
--
JO
2220
2.40 ± 0.15
500
2000
--
--
--
JP
2220
1.60 ± 0.20
1000
4000
--
--
--
KB
2225
1.00 ± 0.15
1000
4000
--
--
--
KC
2225
1.10 ± 0.15
1000
4000
--
--
--
KD
2225
1.30 ± 0.15
1000
4000
--
--
--
KE
2225
1.40 ± 0.15
1000
4000
--
--
--
KF
2225
1.60 ± 0.20
1000
4000
--
--
--
LA
1808
1.40 ± 0.15
1000
4000
--
--
--
LB
1808
1.60 ± 0.15
1000
4000
--
--
--
LC
1808
2.00 ± 0.15
1000
4000
--
--
--
LD
1808
0.90 ± 0.10
2500
10000
--
--
--
MA
1632
0.80 ± 0.10
4000
10000
--
--
--
Chip Thickness / Packaging Quantities
Thickness Code Reference Chart
Packaging Quantity Based on Finished Chip Thickness Specifications


Similar Part No. - C0805H124K4GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805H124K4GACTU KEMET-C0805H124K4GACTU Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C0805H124K4GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C471F3GAC KEMET-C0402C471F3GAC Datasheet
50Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0G Dielectric
C0402C152J5GACTU KEMET-C0402C152J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0805C153J5GACTU KEMET-C0805C153J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
F9078 KEMET-F9078 Datasheet
102Kb / 2P
   Surface Mount Ceramic Chip Capacitors ??Low Profile MLCC
C0201C100D3GAC KEMET-C0201C100D3GAC Datasheet
119Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric
C0402C121J5GAC KEMET-C0402C121J5GAC Datasheet
173Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0402 Series - C0G Dielectric
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com