Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUMD9 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PUMD9
Description  NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMD9 Datasheet(HTML) 6 Page - NXP Semiconductors

  PUMD9 Datasheet HTML 1Page - NXP Semiconductors PUMD9 Datasheet HTML 2Page - NXP Semiconductors PUMD9 Datasheet HTML 3Page - NXP Semiconductors PUMD9 Datasheet HTML 4Page - NXP Semiconductors PUMD9 Datasheet HTML 5Page - NXP Semiconductors PUMD9 Datasheet HTML 6Page - NXP Semiconductors PUMD9 Datasheet HTML 7Page - NXP Semiconductors PUMD9 Datasheet HTML 8Page - NXP Semiconductors PUMD9 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2004 Apr 15
6
NXP Semiconductors
Product data sheet
NPN/PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 47 kΩ
PEMD9; PUMD9
PACKAGE OUTLINES
UNIT
bp
cD
E
e1
HE
Lp
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-08
06-03-16
IEC
JEDEC
JEITA
mm
0.27
0.17
0.18
0.08
1.7
1.5
1.3
1.1
0.5
e
1.0
1.7
1.5
0.1
y
0.1
DIMENSIONS (mm are the original dimensions)
0.3
0.1
SOT666
bp
pin 1 index
D
e1
e
A
Lp
detail X
HE
E
A
S
0
1
2 mm
scale
A
0.6
0.5
c
X
12
3
4
5
6
Plastic surface-mounted package; 6 leads
SOT666
YS
w M A


Similar Part No. - PUMD9

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD9 PHILIPS-PUMD9 Datasheet
63Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 May 20
PUMD9 PHILIPS-PUMD9 Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PUMD9 NEXPERIA-PUMD9 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 6 - 22 November 2011
PUMD9 NEXPERIA-PUMD9 Datasheet
920Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 3 - 22 November 2011
PUMD9-Q NEXPERIA-PUMD9-Q Datasheet
281Kb / 15P
   50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 47 kΩ
7 October 2021
More results

Similar Description - PUMD9

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
PDTA114Y NXP-PDTA114Y Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 02
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
PDTC144V NXP-PDTC144V Datasheet
147Kb / 11P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 10 k廓
Rev. 04-16 November 2009
PDTC114Y NXP-PDTC114Y Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 17
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PDTA144E NXP-PDTA144E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 05
PEMB9 NXP-PEMB9 Datasheet
143Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2003 Oct 03
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
PIMH9 NXP-PIMH9 Datasheet
157Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com