Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53261-0371 Datasheet(PDF) 2 Page - MolexKits

Part # 53261-0371
Description  SMT Friction Lock Right Angle Header and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

53261-0371 Datasheet(HTML) 2 Page - MolexKits

  53261-0371 Datasheet HTML 1Page - MolexKits 53261-0371 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0127
Molex Part No.
Quantity in
Kit
50058-8000-C
100
51021-0200
10
51021-0300
10
51021-0400
10
51021-0600
10
51021-0800
10
53261-0271
10
53261-0371
10
53261-0471
10
53261-0671
10
53261-0871
10
Molex Part No.
63819-0400 *
11-03-0043 *
Japan
Japan
Japan
Japan
Japan
Country
of Origin
1.25mm (.049") Pitch PicoBlade™ Header, Surface Mount,
Right Angle, 2 Circuits
Japan
Description
1.25mm (.049") Pitch PicoBlade™ Receptacle, 8 Circuits
1.25mm (.049") Pitch PicoBlade™ Receptacle, 3 Circuits
1.25mm (.049") Pitch PicoBlade™ Receptacle, 4 Circuits
1.25mm (.049") Pitch PicoBlade™ Receptacle, 6 Circuits
1.25mm (.049") Pitch PicoBlade™ Header, Surface Mount,
Right Angle, 8 Circuits
1.25mm (.049") Pitch PicoBlade™ Header, Surface Mount,
Right Angle, 6 Circuits
Japan
Japan
*Tool(s) not included in kit. Tool(s) ordered separately.
Recommended Molex Tool(s) for Part No. 76650-0127*
Country
of Origin
Description
USA
Hand Crimp Tool
Extraction Tool
Sweden
1.25mm (.049") Pitch PicoBlade™ Header, Surface Mount,
Right Angle, 4 Circuits
Japan
Japan
Japan
1.25mm (.049") Pitch PicoBlade™ Header, Surface Mount,
Right Angle, 3 Circuits
Bill of Materials for Part No. 76650-0127
PicoBlade™ Crimp Terminal, Female, 32-28 AWG
1.25mm (.049") Pitch PicoBlade™ Receptacle, 2 Circuits
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 53261-0371

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53261-0371 MOLEX7-53261-0371 Datasheet
436Kb / 7P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 3Circuits
More results

Similar Description - 53261-0371

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0129 MOLEXKITS-76650-0129 Datasheet
44Kb / 2P
   SMT Friction Lock Vertical and Right Angle Header and Receptacle
76650-0226 MOLEXKITS-76650-0226 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0113 MOLEXKITS-76650-0113 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0108 MOLEXKITS-76650-0108 Datasheet
43Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0106 MOLEXKITS-76650-0106 Datasheet
43Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0114 MOLEXKITS-76650-0114 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0126 MOLEXKITS-76650-0126 Datasheet
43Kb / 2P
   SMT Friction Lock Vertical Header and Receptacle
76650-0128 MOLEXKITS-76650-0128 Datasheet
44Kb / 2P
   Friction Lock Plug and Receptacle and SMT Header
76650-0225 MOLEXKITS-76650-0225 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com