Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501951-5010 Datasheet(PDF) 1 Page - MolexKits

Part # 501951-5010
Description  SMT Vertical Header, ZIF with Flip-Type Secure Actuator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

501951-5010 Datasheet(HTML) 1 Page - MolexKits

  501951-5010 Datasheet HTML 1Page - MolexKits 501951-5010 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0120
Manufacturer:
Country of Origin:
Easy-On™
Certificates:
SMT Vertical Header, ZIF with Flip-Type Secure Actuator
(Molex parts within this kit) - EU and China RoHS Compliant, UL and CSA
Title:
Easy-On FFC/FPC Connector Kit
General Information
Molex / Waldom
FFC/FPC
0.50mm (.020")
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
Design
Configuration:
76650-0120
Specifications
Circuit Sizes:
Easy-on connectors provide a zero insertion force (ZIF) connector for use with flat
flexible cable (FFC) and flexible printed circuitry (FPC). These miniature surface
mount connectors have flip-type actuators that secure the connection between the
FFC-FPC and the connector terminals. The compact size allows them to be used in
any device where space is an issue.
Voltage:
30, 40, 50 and 60
Pitch:
Mounting
Orientation:
Connector Type:
Headers
Vertical
Current Rating:
0.4 Amps
Product Highlights
50 Volts
Features and Benefits
Applications
• Notebook PC
• PDA
• Digital Cameras
• Cellular phones
• Digital audio player
• GPS
• Compact depth, height and length features
for space savings for mobile devices
• Robust terminal and actuator designs for
higher contact and cable retention
• ZIF allows for repeat cycling with low wear
• Robust solder tabs for secure PCB
retention
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 501951-5010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
501951-5010 MOLEX11-501951-5010 Datasheet
303Kb / 6P
   0.50mm (.020") Pitch Easy-On FFC/FPC Connector, Vertical, SMT, Gold Plating, 50 Circuits
More results

Similar Description - 501951-5010

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
HF601-10-02 YAMAICHI-HF601-10-02 Datasheet
218Kb / 2P
   Flip Type ZIF Connector 90째, SMT (0.50mm Pitch)
HF601-22-03 YAMAICHI-HF601-22-03 Datasheet
115Kb / 1P
   High Speed Flip Type ZIF Connector 90째, SMT (0.50mm Pitch)
logo
Wurth Elektronik GmbH &...
686108183822 WURTH-686108183822 Datasheet
254Kb / 5P
   1.00mm SMT ZIF Vertical Type A WR-FPC
686118183822 WURTH-686118183822 Datasheet
254Kb / 5P
   1.00mm SMT ZIF Vertical Type A WR-FPC
686122183822 WURTH-686122183822 Datasheet
254Kb / 5P
   1.00mm SMT ZIF Vertical Type A WR-FPC
686104183822 WURTH-686104183822 Datasheet
254Kb / 5P
   1.00mm SMT ZIF Vertical Type A WR-FPC
686116183822 WURTH-686116183822 Datasheet
254Kb / 5P
   1.00mm SMT ZIF Vertical Type A WR-FPC
686110183822 WURTH-686110183822 Datasheet
254Kb / 5P
   1.00mm SMT ZIF Vertical Type A WR-FPC
686124183822 WURTH-686124183822 Datasheet
254Kb / 5P
   1.00mm SMT ZIF Vertical Type A WR-FPC
686114183822 WURTH-686114183822 Datasheet
254Kb / 5P
   1.00mm SMT ZIF Vertical Type A WR-FPC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com