Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45970-3211 Datasheet(PDF) 2 Page - MolexKits

Part # 45970-3211
Description  High Density Mezz Interconnect Plug and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

45970-3211 Datasheet(HTML) 2 Page - MolexKits

  45970-3211 Datasheet HTML 1Page - MolexKits 45970-3211 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0118
Molex Part No.
Quantity in
Kit
45970-2311
1
45970-3211
1
45970-4311
1
45971-2311
1
45971-3111
1
No Recommended Molex Tool for Part No. 76650-0118
*SEARAY is a trademark of Samtec, Inc.
1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug, 300
Circuits, 5.59mm (.220") Unmated Height, 10 Rows
Bill of Materials for Part No. 76650-0118
1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug, 200
Circuits, 6.10mm (.240") Unmated Height, 10 Rows
Country
of Origin
USA
USA
USA
1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug, 400
Circuits, 6.10mm (.240") Unmated Height, 10 Rows
1.27mm (.050") by 1.27mm (.050") Pitch SEARAY*
Receptacle, 200 Circuits, 6.55mm (.258") Unmated Height,
10 Rows
1.27mm (.050") by 1.27mm (.050") Pitch SEARAY*
Receptacle, 300 Circuits, 5.05mm (.199") Unmated Height,
10 Rows
USA
Description
USA
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 45970-3211

ManufacturerPart #DatasheetDescription
logo
MolexKits
45970-3211 MOLEXKITS-45970-3211 Datasheet
21Kb / 3P
   Plugs, Vertical Receptacles
logo
Molex Electronics Ltd.
45970-3211 MOLEX6-45970-3211 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY Plug, 300 Circuits, 2.00mm (.078") Unmated Height, 10 Rows, Lead Free
More results

Similar Description - 45970-3211

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0119 MOLEXKITS-76650-0119 Datasheet
41Kb / 2P
   High Density Mezz Interconnect Plug and Receptacle
logo
Amphenol Communications...
10159583 AMPHENOLCS-10159583 Datasheet
843Kb / 4P
   PB MINI MEZZ PLUG
Rev. A
10159578 AMPHENOLCS-10159578 Datasheet
1Mb / 4P
   PB MINI MEZZ RECEPTACLE
Rev. A
logo
DB Lectro Inc
A15A DBLECTRO-A15A Datasheet
244Kb / 1P
   HIGH DENSITY DIP PLUG
logo
Molex Electronics Ltd.
86105-0100 MOLEX-86105-0100 Datasheet
182Kb / 3P
   HBMTTM MT High Density Backplane Interconnect System
logo
Adam Technologies, Inc.
HDT78-PT-JS ADAM-TECH-HDT78-PT-JS Datasheet
84Kb / 1P
   HIGH DENSITY D-SUB PLUG
HDTXX-PT ADAM-TECH-HDTXX-PT Datasheet
118Kb / 1P
   HIGH DENSITY D-SUB PLUG
HDTXX-PT-BL ADAM-TECH-HDTXX-PT-BL Datasheet
138Kb / 1P
   HIGH DENSITY D-SUB PLUG
HDT78-PT-BL ADAM-TECH-HDT78-PT-BL Datasheet
84Kb / 1P
   HIGH DENSITY D-SUB PLUG
HDTXX-PD-MC ADAM-TECH-HDTXX-PD-MC Datasheet
88Kb / 1P
   HIGH DENSITY D-SUB PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com