Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54548-1270 Datasheet(PDF) 1 Page - MolexKits

Part # 54548-1270
Description  Ultra Low Profile SMT ZIF Right Angle Receptacle and Premo-Flex Cable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

54548-1270 Datasheet(HTML) 1 Page - MolexKits

  54548-1270 Datasheet HTML 1Page - MolexKits 54548-1270 Datasheet HTML 2Page - MolexKits 54548-1270 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0005
Receptacles
Right Angle
Circuit Sizes:
Voltage:
Flat Flex Cable
Current Rating:
Molex offers one of the industry's broadest selections of high-density
FFC/FPC connectors for Flat Panel Display (FPD) and other high pincount
applications. Molex applied its existing Easy-On™ actuator technologies
to create a robust connector that has a strong latch and is easy to use.
Molex offers a complete product line of FFC jumpers to terminate to ZIF (zero
insertion force) connectors for a flexible interconnection.
Product Highlights
Features and Benefits
Applications
General Information
Molex / Waldom
Wire-to-Board
0.5mm (0.020”)
Kit assembled in U.S.A.
Description:
Product Family:
(Molex Parts within this kit) - EU and China RoHS Compliant
Design
Configuration:
Part Number:
76650-0005
Manufacturer:
Country of Origin:
FFC/FPC Connectors
Certificates:
Ultra Low Profile SMT ZIF Right Angle Receptacle and Premo-Flex Cable
Specifications
Title:
FFC/FPC Connector Kit
Pitch:
Mounting
Orientation:
6, 8, 10, 12, 14 and 16
Wire:
30 Volts (Premo-Flex™FFC Jumper) and 50 Volts (FPC Connector)
Connector Type:
0.5 Amps
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 3


Similar Part No. - 54548-1270

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54548-1270 MOLEX11-54548-1270 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT
More results

Similar Description - 54548-1270

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0004 MOLEXKITS-76650-0004 Datasheet
38Kb / 2P
   Ultra Low Profile SMT ZIF Right Angle Receptacle
76650-0165 MOLEXKITS-76650-0165 Datasheet
39Kb / 3P
   Ultra Low Profile SMT Right Angle Header and Receptacle
logo
AVX Corporation
6212 AVX-6212 Datasheet
66Kb / 2P
   ZIF Right Angle SMT (Top Contact)
logo
Molex Electronics Ltd.
0022153113 MOLEX2-0022153113 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 11 Circuits
0022153063 MOLEX2-0022153063 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 6 Circuits
0022153133 MOLEX2-0022153133 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 13 Circuits
0022153203 MOLEX2-0022153203 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 20 Circuits
0022153103 MOLEX2-0022153103 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 10 Circuits
0022153213 MOLEX2-0022153213 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 21 Circuits
0022153073 MOLEX2-0022153073 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 7 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com