Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F820-GU Datasheet(PDF) 7 Page - Silicon Laboratories

Part # C8051F820-GU
Description  Mixed Signal ISP Flash MCU Family
Download  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F820-GU Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button C8051F820-GU Datasheet HTML 3Page - Silicon Laboratories C8051F820-GU Datasheet HTML 4Page - Silicon Laboratories C8051F820-GU Datasheet HTML 5Page - Silicon Laboratories C8051F820-GU Datasheet HTML 6Page - Silicon Laboratories C8051F820-GU Datasheet HTML 7Page - Silicon Laboratories C8051F820-GU Datasheet HTML 8Page - Silicon Laboratories C8051F820-GU Datasheet HTML 9Page - Silicon Laboratories C8051F820-GU Datasheet HTML 10Page - Silicon Laboratories C8051F820-GU Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 250 page
background image
Rev. 1.0
7
C8051F80x-83x
List of Tables
1. System Overview
2. Ordering Information
Table 2.1. Product Selection Guide ......................................................................... 26
3. Pin Definitions
Table 3.1. Pin Definitions for the C8051F80x-83x ................................................... 28
4. QFN-20 Package Specifications
Table 4.1. QFN-20 Package Dimensions ................................................................ 33
Table 4.2. QFN-20 PCB Land Pattern Dimensions ................................................. 34
5. QSOP-24 Package Specifications
Table 5.1. QSOP-24 Package Dimensions ............................................................. 35
Table 5.2. QSOP-24 PCB Land Pattern Dimensions .............................................. 36
6. SOIC-16 Package Specifications
Table 6.1. SOIC-16 Package Dimensions ............................................................... 37
Table 6.2. SOIC-16 PCB Land Pattern Dimensions ................................................ 38
7. Electrical Characteristics
Table 7.1. Absolute Maximum Ratings .................................................................... 39
Table 7.2. Global Electrical Characteristics ............................................................. 40
Table 7.3. Port I/O DC Electrical Characteristics ..................................................... 41
Table 7.4. Reset Electrical Characteristics .............................................................. 41
Table 7.5. Internal Voltage Regulator Electrical Characteristics ............................. 41
Table 7.6. Flash Electrical Characteristics .............................................................. 42
Table 7.7. Internal High-Frequency Oscillator Electrical Characteristics ................. 42
Table 7.8. Capacitive Sense Electrical Characteristics ........................................... 42
Table 7.9. ADC0 Electrical Characteristics .............................................................. 43
Table 7.10. Power Management Electrical Characteristics ..................................... 44
Table 7.11. Temperature Sensor Electrical Characteristics .................................... 44
Table 7.12. Voltage Reference Electrical Characteristics ....................................... 44
Table 7.13. Comparator Electrical Characteristics .................................................. 45
8. 10-Bit ADC (ADC0)
9. Temperature Sensor
10. Voltage and Ground Reference Options
11. Voltage Regulator (REG0)
12. Comparator0
13. Capacitive Sense (CS0)
Table 13.1. Operation with Auto-scan and Accumulate .......................................... 74
14. CIP-51 Microcontroller
Table 14.1. CIP-51 Instruction Set Summary .......................................................... 84
15. Memory Organization
16. In-System Device Identification
17. Special Function Registers
Table 17.1. Special Function Register (SFR) Memory Map .................................... 97
Table 17.2. Special Function Registers ................................................................... 98
18. Interrupts


Similar Part No. - C8051F820-GU

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F820-GU SILABS-C8051F820-GU Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F820-GU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com