Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHEF050-2 Datasheet(PDF) 8 Page - Tyco Electronics

Part # RHEF050-2
Description  PolySwitch Resettable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RHEF050-2 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button RHEF050-2 Datasheet HTML 4Page - Tyco Electronics RHEF050-2 Datasheet HTML 5Page - Tyco Electronics RHEF050-2 Datasheet HTML 6Page - Tyco Electronics RHEF050-2 Datasheet HTML 7Page - Tyco Electronics RHEF050-2 Datasheet HTML 8Page - Tyco Electronics RHEF050-2 Datasheet HTML 9Page - Tyco Electronics RHEF050-2 Datasheet HTML 10Page - Tyco Electronics RHEF050-2 Datasheet HTML 11Page - Tyco Electronics RHEF050-2 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Part
I
H
I
T
V
Max
V
Max Interrupt
I
Max
P
D TYP
Max. Time-to-trip
R
Min
R
MAX
R
1 Max
Figures for
Lead Size
Number
(A)
(A)
(V)
(V
AC)
(A)
(W)
(A)
(s)
(Ω)(Ω)(Ω)
Dimensions
[mm
2 (AWG)]
RUEF
30V
RUEF400
4.0
8.0
30
100
2.5
20.0
12.7
0.010
0.03
0.05
R13, R15, R16
[0.52mm2 (20)]
RUEF500
5.0
10.0
30
100
3.0
25.0
14.5
0.010
0.03
0.05
R13, R15, R16
[0.52mm2 (20)]
RUEF600
6.0
12.0
30
100
3.5
30.0
16.0
0.005
0.02
0.04
R13, R15, R16
[0.52mm2 (20)]
RUEF700
7.0
14.0
30
100
3.8
35.0
17.5
0.005
0.02
0.03
R13, R15, R16
[0.52mm2 (20)]
RUEF800
8.0
16.0
30
100
4.0
40.0
18.8
0.005
0.013
0.02
R13, R15, R16
[0.52mm2 (20)]
RUEF900
9.0
18.0
30
100
4.2
45.0
20.0
0.005
0.01
0.02
R13, R15, R16
[0.52mm2 (20)]
RHEF
30V - High Temperature*
RHEF050
0.50
0.90
30
40
0.9
2.5
2.5
0.48
0.79
1.10
R10, R15, R16
[0.205mm2 (24)]
RHEF070
0.7
1.4
30
40
1.4
3.5
4.0
0.30
0.54
0.80
R12, R15, R16
[0.205mm2 (24)]
RHEF100
1.0
1.8
30
40
1.4
5.0
5.2
0.18
0.31
0.43
R10, R15, R16
[0.205mm2 (24)]
RUSBF
16V
RUSBF090
0.90
1.8
16
40
0.6
8.0
1.2
0.070
0.120
0.180
R12, R15, R16
[0.205mm2 (24)]
RUSBF110
1.10
2.2
16
40
0.7
8.0
2.3
0.050
0.095
0.140
R12, R15, R16
[0.205mm2 (24)]
RUSBF135
1.35
2.7
16
40
0.8
8.0
4.5
0.040
0.074
0.115
R12, R15, R16
[0.205mm2 (24)]
RUSBF160
1.60
3.2
16
40
0.9
8.0
9.0
0.030
0.061
0.110
R12, R15, R16
[0.205mm2 (24)]
RUSBF185
1.85
3.7
16
40
1.0
8.0
10.0
0.030
0.051
0.090
R12, R15, R16
[0.205mm2 (24)]
RUSBF250
2.5
5.0
16
40
1.2
8.0
40.0
0.020
0.036
0.060
R12, R15, R16
[0.205mm2 (24)]
RGEF*
16V
RGEF250
2.5
4.7
16
100
1.0
12.5
5.0
0.022
0.035
0.053
R12, R15, R16
[0.205mm2 (24)]
RGEF300
3.0
5.1
16
100
2.3
15.0
1.0
0.038
0.0645
0.0975
R13, R15, R16
[0.52mm (20)]
RGEF400
4.0
6.8
16
100
2.4
20.0
1.7
0.021
0.0385
0.0600
R13, R15, R16
[0.52mm2 (20)]
RGEF500
5.0
8.5
16
100
2.6
25.0
2.0
0.015
0.0230
0.0340
R13, R15, R16
[0.52mm (20)]
RGEF600
6.0
10.2
16
100
2.8
30.0
3.3
0.010
0.0185
0.0280
R13, R15, R16
[0.52mm2 (20)]
RGEF700
7.0
11.9
16
100
3.0
35.0
3.5
0.0077
0.0130
0.0200
R13, R15, R16
[0.52mm2 (20)]
RGEF800
8.0
13.6
16
100
3.0
40.0
5.0
0.0056
0.0110
0.0175
R13, R15, R16
[0.52mm2 (20)]
RGEF900
9.0
15.3
16
100
3.3
45.0
5.5
0.0047
0.0092
0.0135
R13, R15, R16
[0.52mm2 (20)]
RGEF1000
10.0
17.0
16
100
3.6
50.0
6.0
0.0040
0.0071
0.0102
R13, R15, R16
[0.52mm2 (20)]
RGEF1100
11.0
18.7
16
100
3.7
55.0
7.0
0.0037
0.0062
0.0089
R13, R15, R16
[0.52mm2 (20)]
RGEF1200
12.0
20.4
16
100
4.2
60.0
7.5
0.0033
0.00595 0.0086
R13, R15, R16
[0.823mm2 (18)]
RGEF1400
14.0
23.8
16
100
4.6
70.0
9.0
0.0026
0.00445 0.0064
R13, R15, R16
[0.823mm2 (18)]
RHEF High Temperature*
16V
RHEF200
2.0
3.8
16
100
1.4
12.5
3.0
0.045
0.074
0.11
R10, R15, R16
[0.205mm2 (24)]
RHEF300
3.0
6.0
16
100
3.0
15.0
5.0
0.033
0.053
0.079
R14, R15, R16
[0.52mm2 (20)]
RHEF400
4.0
7.0
16
100
3.3
20.0
5.0
0.024
0.040
0.060
R14, R15, R16
[0.52mm2 (20)]
RHEF450
4.5
7.8
16
100
3.6
22.5
3.0
0.022
0.0355
0.054
R14, R15, R16
[0.52mm2 (20)]
RHEF550
5.5
10.0
16
100
3.5
27.5
6.0
0.015
0.025
0.037
R14, R15, R16
[0.52mm2 (20)]
RHEF600
6.0
10.8
16
100
4.1
30.0
5.0
0.013
0.0215
0.032
R14, R15, R16
[0.52mm2 (20)]
RHEF650
6.5
12.0
16
100
4.3
32.5
5.5
0.011
0.0175
0.026
R14, R15, R16
[0.52mm2 (20)]
RHEF700
7.0
13.0
16
100
4.0
35.0
7.0
0.010
0.016
0.025
R14, R15, R16
[0.52mm2 (20)]
RHEF750
7.5
13.1
16
100
4.5
37.5
7.0
0.0094
0.0150
0.022
R14, R15, R16
[0.52mm2 (20)]
RHEF800
8.0
15.0
16
100
4.2
40.0
8.0
0.008
0.0135
0.020
R14, R15, R16
[0.52mm2 (20)]
RHEF900
9.0
16.5
16
100
5.0
45.0
10.0
0.0074
0.0120
0.017
R14, R15, R16
[0.52mm2 (20)]
RHEF1000
10.0
18.5
16
100
5.3
50.0
9.0
0.0062
0.0103
0.015
R14, R15, R16
[0.52mm2 (20)]
RHEF1100
11.0
20.0
16
100
5.5
55.0
11.0
0.0055
0.009
0.013
R14, R15, R16
[0.52mm2 (20)]
RHEF1300
13.0
24.0
16
100
6.9
65.0
13.0
0.0041
0.0068
0.010
R14, R15, R16
[0.823mm2 (18)]
RHEF1400
14.0
27.0
16
100
6.9
70.0
13.0
0.003
0.006
0.009
R14, R15, R16
[0.823mm2 (18)]
RHEF1500
15.0
28.0
16
100
7.0
75.0
20.0
0.0032
0.0063
0.0092
R14, R15, R16
[0.823mm2 (18)]
RUSBF
6V
RUSBF075
0.75
1.30
6
40
0.3
8.0
0.4
0.110
0.175
0.23
R10, R15, R16
[0.205mm2 (24)]
RUSBF120
1.20
2.00
6
40
0.6
8.0
0.5
0.065
0.0975
0.14
R10, R15, R16
[0.205mm2 (24)]
RUSBF155
1.55
2.65
6
40
0.6
8.0
0.5
0.043
0.0705
0.10
R10, R15, R16
[0.205mm2 (24)]
Notes:
I
H
: Hold current: maximum current device will pass without interruption in 20°C still air.
I
T
: Trip current: minimum current that will switch the device from low resistance to high resistance in 20°C still air.
R
min
: Minimum resistance of device as supplied at 20°C unless otherwise specified.
R
max
: Maximum resistance of device as supplied at 20°C unless otherwise specified.
V
max
: Maximum continuous voltage device can withstand without damage at rated current.
V
max Interrupt
: Under specified conditions this is the highest voltage that can be applied to the device at the maximum current.
I
max
: Maximum fault current device can withstand without damage at rated voltage.
P
D
: Power dissipated from device when in the tripped state in 20°C still air.
R
1max
: Maximum resistance of device when measured one hour post reflow (surface-mount device) or one hour post trip
(radial-leaded device) at 20°C unless otherwise specified.
* Electrical characteristics determined at 25°C
Table R3 - Electrical Characteristics for Radial-leaded Devices
Cont'd
...
117
13


Similar Part No. - RHEF050-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RHEF050-2 MACOM-RHEF050-2 Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
More results

Similar Description - RHEF050-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com