Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD250F Datasheet(PDF) 3 Page - Tyco Electronics

Part # SMD250F
Description  PolySwitch Resettable Devices Surface-mount Devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD250F Datasheet(HTML) 3 Page - Tyco Electronics

  SMD250F Datasheet HTML 1Page - Tyco Electronics SMD250F Datasheet HTML 2Page - Tyco Electronics SMD250F Datasheet HTML 3Page - Tyco Electronics SMD250F Datasheet HTML 4Page - Tyco Electronics SMD250F Datasheet HTML 5Page - Tyco Electronics SMD250F Datasheet HTML 6Page - Tyco Electronics SMD250F Datasheet HTML 7Page - Tyco Electronics SMD250F Datasheet HTML 8Page - Tyco Electronics SMD250F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
93
RoHS Compliant, ELV Compliant
HF Halogen Free
10
femtoSMD
picoSMD
nanoSMD
microSMD
miniSMD
midSMD
SMD
SMD2
miniSMDE
decaSMD
Size mm
1608
2012
3216
3225
4532
5050
7555
8763
11550
5050
(mils)
(0603)
(0805)
(1206)
(1210)
(1812)
(2018)
(2920)
(3425)
(4420)
(2018)
Hold Current (A)
0.050
15VDC/30.00Ω*—
30VDC/50Ω
——
0.100
12VDC/8.00Ω* 15VDC/11.00Ω*—
30VDC/15Ω
60VDC/12.70Ω
——
0.120
15VDC/9.00Ω* 48VDC/6.50Ω
——
0.140
——
60VDC/6.00Ω
——
0.160
9VDC/4.20Ω
48VDC/5.00Ω
——
0.200
9VDC/3.20Ω
24VDC/3.10Ω
30VDC/3.30Ω
——
0.300
——
30VDC/1.75Ω
60VDC/2.30Ω 60VDC/4.80Ω
——
0.350
6VDC/1.40Ω
16VDC/1.35Ω
6VDC/1.30Ω
——
0.500
——
13.2VDC/0.75Ω 13.2VDC/0.90Ω
24VDC/1.00Ω
60VDC/1.40Ω
——
60VDC/1.10Ω
0.750
6VDC/0.35Ω*
6VDC/0.30Ω
6VDC/0.40Ω 13.2VDC/0.45Ω
30VDC/1.00Ω
——
——
24VDC/0.29Ω
60VDC/1.00Ω
——
1.000
6VDC/0.19Ω*—
15VDC/0.40Ω 30VDC/0.48Ω
——
——
33VDC/0.41Ω
——
1.100
6VDC/0.20Ω
6VDC/0.21Ω
8VDC/0.21Ω
——
——
16VDC/0.18Ω
——
——
24VDC/0.18Ω
——
1.200
——
——
16VDC/0.34Ω
——
1.250
6VDC/0.14Ω
15VDC/0.25Ω
——
——
16VDC/0.14Ω
——
1.500
6VDC/0.11Ω
6VDC/0.11Ω
6VDC/0.11Ω
15VDC/0.18Ω
15VDC/0.25Ω
——
——
12VDC/0.11Ω
——
33VDC/0.23Ω
——
——
16VDC/0.11Ω
——
——
24VDC/0.12Ω
——
1.600
9VDC/0.10Ω
——
16VDC/0.15Ω
——
1.750
6VDC/0.08Ω
——
1.850
——
——
33VDC/0.165Ω
——
1.900
——
——
16VDC/0.08Ω
2.000
——
6VDC/0.072Ω
6VDC/0.06Ω
8VDC/0.07Ω
6VDC/0.10Ω
15VDC/0.125Ω
——
2.500
——
——
15VDC/0.85Ω
——
2.600
6VDC/0.043Ω
6VDC/0.075Ω
——
——
12VDC/0.047Ω
——
——
13.2VDC/0.050Ω
——
——
16VDC/0.050Ω
——
3.000
——
6VDC/0.036Ω
6VDC/0.048Ω
——
——
——
15VDC/0.05Ω
——
* Data is preliminary
Table S1
Product Series: Size, Current Rating, Voltage Rating/Maximum Resistance for
Surface-mount Devices


Similar Part No. - SMD250F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMD250F MACOM-SMD250F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
SMD250F MACOM-SMD250F Datasheet
307Kb / 16P
   PolySwitch Resettable Devices Surface-mount Devices
SMD250F MACOM-SMD250F Datasheet
33Kb / 1P
   PolySwitch짰PTC Devices Overcurrent Protection Device
SMD250F MACOM-SMD250F Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
SMD250F LITTELFUSE-SMD250F Datasheet
97Kb / 2P
   PolySwitch PTC Devices
More results

Similar Description - SMD250F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
PICOSMD035F MACOM-PICOSMD035F Datasheet
307Kb / 16P
   PolySwitch Resettable Devices Surface-mount Devices
logo
List of Unclassifed Man...
SMD300 ETC2-SMD300 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com