Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC124TEF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTC124TEF
Description  NPN resistor-equipped transistors; R1 = 22 k廓, R2 = open
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC124TEF Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTC124TEF Datasheet HTML 1Page - NXP Semiconductors PDTC124TEF Datasheet HTML 2Page - NXP Semiconductors PDTC124TEF Datasheet HTML 3Page - NXP Semiconductors PDTC124TEF Datasheet HTML 4Page - NXP Semiconductors PDTC124TEF Datasheet HTML 5Page - NXP Semiconductors PDTC124TEF Datasheet HTML 6Page - NXP Semiconductors PDTC124TEF Datasheet HTML 7Page - NXP Semiconductors PDTC124TEF Datasheet HTML 8Page - NXP Semiconductors PDTC124TEF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2004 Aug 13
5
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 22 k
Ω, R2 = open
PDTC124T series
THERMAL CHARACTERISTICS
Notes
1.
Refer to standard mounting conditions.
2.
Reflow soldering is the only recommended soldering method.
3.
Refer to SOT883 standard mounting conditions; FR4 with 60
μm copper strip line.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
SOT54
note 1
250
K/W
SOT23
note 1
500
K/W
SOT346
note 1
500
K/W
SOT323
note 1
625
K/W
SOT490
notes 1 and 2
500
K/W
SOT883
notes 2 and 3
500
K/W
SOT416
note 1
833
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 50 V; IE = 0 A
100
nA
ICEO
collector-emitter cut-off current
VCE = 30 V; IB = 0 A
1
μA
VCE = 30 V; IB = 0 A; Tj = 150 °C
50
μA
IEBO
emitter-base cut-off current
VEB = 5 V; IC = 0 A
100
nA
hFE
DC current gain
VCE = 5 V; IC = 1 mA
100
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
150
mV
R1
input resistor
15.4
22
28.6
k
Ω
Cc
collector capacitance
IE = ie = 0 A; VCB = 10 V;
f = 1 MHz
2.5
pF


Similar Part No. - PDTC124TEF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC124TEF NEXPERIA-PDTC124TEF Datasheet
403Kb / 15P
   NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC124TEF NEXPERIA-PDTC124TEF Datasheet
403Kb / 15P
   PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 04
PDTC124TEF NEXPERIA-PDTC124TEF Datasheet
403Kb / 15P
   NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
More results

Similar Description - PDTC124TEF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH19 NXP-PEMH19 Datasheet
260Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 22 k廓, R2 = open
Rev. 03-15 November 2009
PDTC124E NXP-PDTC124E Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 17
PDTA124T NXP-PDTA124T Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 22 k廓, R2 = open
2004 Aug 04
PEMH1 NXP-PEMH1 Datasheet
143Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PDTC124TMB NEXPERIA-PDTC124TMB Datasheet
721Kb / 12P
   NPN resistor-equipped transistor; R1 = 22 k廓, R2 = open
logo
NXP Semiconductors
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PQMD2 NEXPERIA-PQMD2 Datasheet
735Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 22 k廓
logo
NXP Semiconductors
PDTC144W NXP-PDTC144W Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC124X NXP-PDTC124X Datasheet
147Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
Rev. 07-16 November 2009
PDTC144WE-115 PHILIPS-PDTC144WE-115 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com