Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA144TK Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTA144TK
Description  PNP resistor-equipped transistors; R1 = 47 k廓, R2 = open
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA144TK Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTA144TK Datasheet HTML 6Page - NXP Semiconductors PDTA144TK Datasheet HTML 7Page - NXP Semiconductors PDTA144TK Datasheet HTML 8Page - NXP Semiconductors PDTA144TK Datasheet HTML 9Page - NXP Semiconductors PDTA144TK Datasheet HTML 10Page - NXP Semiconductors PDTA144TK Datasheet HTML 11Page - NXP Semiconductors PDTA144TK Datasheet HTML 12Page - NXP Semiconductors PDTA144TK Datasheet HTML 13Page - NXP Semiconductors PDTA144TK Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2004 Aug 05
10
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 47 k
Ω, R2 = open
PDTA144T series
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
0.30
0.15
0.25
0.10
1.8
1.4
0.9
0.7
0.5
e
1
1.75
1.45
0.2
v
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.23
0.13
SOT416
SC-75
w M
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
A
B
B
v M A
0
0.5
1 mm
scale
A
0.95
0.60
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT416
04-11-04
06-03-16


Similar Part No. - PDTA144TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA144TK PHILIPS-PDTA144TK Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05
logo
Nexperia B.V. All right...
PDTA144TK NEXPERIA-PDTA144TK Datasheet
404Kb / 15P
   NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PDTA144TK NEXPERIA-PDTA144TK Datasheet
401Kb / 15P
   PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 05
More results

Similar Description - PDTA144TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PDTA144E NXP-PDTA144E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 05
logo
Nexperia B.V. All right...
PDTA144TMB NEXPERIA-PDTA144TMB Datasheet
724Kb / 12P
   PNP resistor-equipped transistor; R1 = 47 k廓, R2 = open
logo
NXP Semiconductors
PDTC144T NXP-PDTC144T Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 17
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
PDTC144T PHILIPS-PDTC144T_15 Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 17
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
PDTA114Y NXP-PDTA114Y Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 02
PDTA123J NXP-PDTA123J Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 02
PDTA143Z NXP-PDTA143Z Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com