Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA143ZM Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTA143ZM
Description  PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA143ZM Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTA143ZM Datasheet HTML 1Page - NXP Semiconductors PDTA143ZM Datasheet HTML 2Page - NXP Semiconductors PDTA143ZM Datasheet HTML 3Page - NXP Semiconductors PDTA143ZM Datasheet HTML 4Page - NXP Semiconductors PDTA143ZM Datasheet HTML 5Page - NXP Semiconductors PDTA143ZM Datasheet HTML 6Page - NXP Semiconductors PDTA143ZM Datasheet HTML 7Page - NXP Semiconductors PDTA143ZM Datasheet HTML 8Page - NXP Semiconductors PDTA143ZM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2004 Aug 05
5
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = 47 kΩ
PDTA143Z series
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −50 V; IE = 0
−100
nA
ICEO
collector-emitter cut-off current
VCE = −30 V; IB = 0
−1
μA
VCE = −30 V; IB = 0; Tj = 150 °C
−50
μA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0
−170
μA
hFE
DC current gain
VCE = −5 V; IC = −10 mA
100
VCEsat
collector-emitter saturation voltage
IC = −5 mA; IB = −0.25 mA
−100
mV
Vi(off)
input-off voltage
IC = −100 μA; VCE = −5 V
−0.6
−0.5
V
Vi(on)
input-on voltage
IC = −5 mA; VCE = −0.3 V
−1.3
−0.9
V
R1
input resistor
3.3
4.7
6.1
k
Ω
resistor ratio
8
10
12
Cc
collector capacitance
IE = ie = 0; VCB = −10 V; f = 1 MHz −
3
pF
R2
R1
--------


Similar Part No. - PDTA143ZM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143ZM PHILIPS-PDTA143ZM Datasheet
92Kb / 14P
   PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
logo
Nexperia B.V. All right...
PDTA143ZM NEXPERIA-PDTA143ZM Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 8 - 5 December 2011
PDTA143ZM NEXPERIA-PDTA143ZM Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 7 - 5 December 2011
logo
NXP Semiconductors
PDTA143ZMB NXP-PDTA143ZMB Datasheet
703Kb / 11P
   PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
Rev. 1-29 June 2012
logo
Nexperia B.V. All right...
PDTA143ZMB NEXPERIA-PDTA143ZMB Datasheet
837Kb / 12P
   PNP resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
Rev. 1 - 29 June 2012
More results

Similar Description - PDTA143ZM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB13 NXP-PEMB13 Datasheet
143Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Apr 15
PEMD13 NXP-PEMD13 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PQMD13 NEXPERIA-PQMD13 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 4.7 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTA143E NXP-PDTA143E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 04
PDTA143ZMB NXP-PDTA143ZMB Datasheet
703Kb / 11P
   PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
Rev. 1-29 June 2012
PDTC143Z NXP-PDTC143Z Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 16
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PDTA144E NXP-PDTA144E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 05
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com