Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF250-080T Datasheet(PDF) 11 Page - Tyco Electronics

Part # TRF250-080T
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TRF250-080T Datasheet(HTML) 11 Page - Tyco Electronics

Back Button TRF250-080T Datasheet HTML 7Page - Tyco Electronics TRF250-080T Datasheet HTML 8Page - Tyco Electronics TRF250-080T Datasheet HTML 9Page - Tyco Electronics TRF250-080T Datasheet HTML 10Page - Tyco Electronics TRF250-080T Datasheet HTML 11Page - Tyco Electronics TRF250-080T Datasheet HTML 12Page - Tyco Electronics TRF250-080T Datasheet HTML 13Page - Tyco Electronics TRF250-080T Datasheet HTML 14Page - Tyco Electronics TRF250-080T Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
197
RoHS Compliant, ELV Compliant
10
Fault Current (A)
100
10
1
0.10
0.01
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
A
A
B
B
C
D
C
D
Figure T14
TCF250
A=
TCF250-180
B=
TCF250-145T
C=
TCF250-120T
D =
TCF250-100T
Fault Current (A)
1000
100
10
1
0.10
0.01
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
A
A
B
C
D
E
B
C
D
E
Figure T15
TRF250
A= TRF250-180/183/184
B= TRF250-145/145U
C= TRF250-120/120U
D= TRF250-110U/120UT/120T
E= TRF250-080T/080U/080US
Figure T14-T17
Typical Time-to-trip Curves at 20°C for
Telecommunications and Networking Devices
Table T4 Dimensions for Telecommunications and Networking Devices in Millimeters (Inches)
Cont’d
TS600/TSM600
600V
TS600-170F
18.3
19.4
11.6
12.3
7.2
8.3
1.7
2.4
9.9
10.4
1.5
2.3
——
T8
(0.72)
(0.77)
(0.46)
(0.49)
(0.29)
(0.33)
(0.07)
(0.10)
(0.39) (0.41)
(0.06)
(0.09)
TS600-200F-RA
18.3
19.4
11.6
12.3
7.2
8.3
1.7
2.4
9.9
10.4
1.5
2.3
——
T8
(0.72)
(0.77)
(0.46)
(0.49)
(0.29)
(0.33)
(0.07)
(0.10)
(0.39) (0.41)
(0.06)
(0.09)
TS600-400F
18.3
19.4
11.6
12.3
7.2
8.3
1.7
2.4
9.9
10.4
1.5
2.3
——
T8
(0.72)
(0.77)
(0.46)
(0.49)
(0.29)
(0.33)
(0.07)
(0.10)
(0.39) (0.41)
(0.06)
(0.09)
TSM600-250F
17.00
17.60
11.20
11.70
10.40
11.20
4.80
5.20
2.50
2.80
0.60
1.0
2.2
3.1
T9
(0.67)
(0.69)
(0.44)
(0.46)
(0.41)
(0.44)
(0.19)
(0.20)
(0.10) (0.11)
(0.02)
(0.04)
(0.09)
(0.12)
TSM600-250F-RA
17.00
17.60
11.20
11.70
10.40
11.20
4.80
5.20
2.50
2.80
0.60
1.0
2.2
3.1
T9
(0.67)
(0.69)
(0.44)
(0.46)
(0.41)
(0.44)
(0.19)
(0.20)
(0.10) (0.11)
(0.02)
(0.04)
(0.09)
(0.12)
TSM600-400F
17.00
17.60
11.20
11.70
10.40
11.20
4.80
5.20
2.50
2.80
0.60
1.0
2.2
3.1
T9
(0.67)
(0.69)
(0.44)
(0.46)
(0.41)
(0.44)
(0.19)
(0.20)
(0.10) (0.11)
(0.02)
(0.04)
(0.09)
(0.12)
Part Number
A
Min.
Max.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
† 600VAC interrupt products are designed to help equipment pass UL60950, TIA-968-A and GR1089 Port Type 1, 3 & 5 requirements.


Similar Part No. - TRF250-080T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TRF250-110U MACOM-TRF250-110U Datasheet
81Kb / 1P
   Overcurrent Protection Device
TRF250-110U-2 MACOM-TRF250-110U-2 Datasheet
81Kb / 1P
   Overcurrent Protection Device
TRF250-120T MACOM-TRF250-120T Datasheet
89Kb / 1P
   PolySwitch짰PTC Devices Overcurrent Protection Device
TRF250-120T-2 MACOM-TRF250-120T-2 Datasheet
89Kb / 1P
   PolySwitch짰PTC Devices Overcurrent Protection Device
TRF250-120T-B-0.5 MACOM-TRF250-120T-B-0.5 Datasheet
82Kb / 1P
   PolySwitch짰PTC Devices
More results

Similar Description - TRF250-080T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
TR600-150QF-EX-B-0.5 MACOM-TR600-150QF-EX-B-0.5 Datasheet
327Kb / 22P
   Telecommunications & Networking Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com