Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10005639-22101 Datasheet(PDF) 4 Page - FCI connector

Part # 10005639-22101
Description  DDR II 240P V/T METAL CLIP ASSY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

10005639-22101 Datasheet(HTML) 4 Page - FCI connector

  10005639-22101 Datasheet HTML 1Page - FCI connector 10005639-22101 Datasheet HTML 2Page - FCI connector 10005639-22101 Datasheet HTML 3Page - FCI connector 10005639-22101 Datasheet HTML 4Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PDM: Rev:W
Released
.
STATUS:
Printed: Jan 23, 2010


Similar Part No. - 10005639-22101

ManufacturerPart #DatasheetDescription
logo
Littelfuse
100056 LITTELFUSE-100056 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
100056 LITTELFUSE-100056 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
More results

Similar Description - 10005639-22101

ManufacturerPart #DatasheetDescription
logo
FCI connector
10037402 FCI-CONNECTOR-10037402 Datasheet
426Kb / 4P
   DDR II 240P FBDIMM
10034542 FCI-CONNECTOR-10034542 Datasheet
272Kb / 4P
   DDR II 240P PRESS-FIT
10033854 FCI-CONNECTOR-10033854 Datasheet
349Kb / 4P
   DDR II 0.6mm PITCH 200 POS REVERSE TYPE ASSY
10033853 FCI-CONNECTOR-10033853 Datasheet
352Kb / 4P
   DDR II 0.6mm PITCH 200 POS STANDARD TYPE ASSY
logo
Cypress Semiconductor
CY7C129 CYPRESS-CY7C129 Datasheet
243Kb / 8P
   RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
logo
Tyco Electronics
102976-3 MACOM-102976-3 Datasheet
125Kb / 1P
   HEADER ASSY, MOD II
logo
Wurth Elektronik GmbH &...
74277005 WURTH-74277005 Datasheet
36Kb / 1P
   Metal Spring Clip
7425111 WURTH-7425111 Datasheet
208Kb / 3P
   Earthing Metal Clip
001.001
7425103 WURTH-7425103 Datasheet
210Kb / 3P
   Earthing Metal Clip
001.000
7425109 WURTH-7425109 Datasheet
210Kb / 3P
   Earthing Metal Clip
001.000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com