Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD100F Datasheet(PDF) 4 Page - Tyco Electronics

Part # SMD100F
Description  PolySwitch Resettable Devices Surface-mount Devices
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD100F Datasheet(HTML) 4 Page - Tyco Electronics

  SMD100F Datasheet HTML 1Page - Tyco Electronics SMD100F Datasheet HTML 2Page - Tyco Electronics SMD100F Datasheet HTML 3Page - Tyco Electronics SMD100F Datasheet HTML 4Page - Tyco Electronics SMD100F Datasheet HTML 5Page - Tyco Electronics SMD100F Datasheet HTML 6Page - Tyco Electronics SMD100F Datasheet HTML 7Page - Tyco Electronics SMD100F Datasheet HTML 8Page - Tyco Electronics SMD100F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
134
15
RoHS Compliant, ELV Compliant
Thermal Derating for Surface-mount Devices
[Hold Current (A) at Ambient Temperature (°C)]
... Cont’d
Table S2
Maximum Ambient Temperature
Part Number
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
80°C
85°C
125°C
microSMD Series
Size 3225 mm/1210 mils
microSMD005F
0.08
0.07
0.06
0.05
0.05
0.04
0.04
0.03
0.03
0.02
0.02
-
microSMD010F
0.15
0.13
0.12
0.10
0.10
0.09
0.08
0.06
0.06
0.05
0.05
-
microSMD035F
0.51
0.46
0.40
0.35
0.34
0.30
0.27
0.24
0.22
0.19
0.18
-
microSMD050F
0.76
0.66
0.58
0.50
0.48
0.42
0.38
0.35
0.29
0.25
0.23
-
microSMD075F
1.10
0.97
0.86
0.75
0.72
0.64
0.58
0.55
0.47
0.42
0.39
-
microSMD110F
1.60
1.42
1.26
1.10
1.06
0.94
0.86
0.80
0.70
0.62
0.58
-
microSMD150F
2.30
2.02
1.76
1.50
1.43
1.24
1.11
1.00
0.85
0.72
0.65
-
microSMD175F
2.80
2.45
2.10
1.75
1.70
1.55
1.45
1.35
1.25
1.15
1.10
-
microSMD200F
2.60
2.44
2.35
2.00
1.96
1.78
1.67
1.50
1.45
1.15
1.10
-
miniSMDC Series
Size 4532 mm/1812 mils
miniSMDC014F
0.23
0.20
0.17
0.14
0.13
0.11
0.10
0.09
0.07
0.06
0.05
-
miniSMDC020F
0.30
0.27
0.23
0.20
0.19
0.17
0.15
0.13
0.12
0.10
0.09
-
miniSMDC050F
0.59
0.57
0.55
0.50
0.48
0.45
0.43
0.35
0.30
0.25
0.23
-
miniSMDC075F
1.10
0.99
0.87
0.75
0.72
0.63
0.57
0.49
0.45
0.39
0.35
-
miniSMDC075F/24
1.50
1.25
1.00
0.75
0.73
0.65
0.60
0.55
0.50
0.45
0.43
-
miniSMDC100F
1.60
1.45
1.28
1.10
1.07
0.92
0.83
0.71
0.66
0.57
0.52
-
miniSMDC110F
1.60
1.45
1.28
1.10
1.07
0.92
0.83
0.71
0.66
0.57
0.52
-
miniSMDC110F/16
1.68
1.49
1.30
1.10
1.05
0.92
0.83
0.75
0.64
0.55
0.50
-
miniSMDC110F/24
2.00
1.70
1.40
1.10
1.06
0.95
0.88
0.80
0.73
0.65
0.61
-
miniSMDC125F
2.00
1.69
1.47
1.25
1.17
1.03
0.92
0.90
0.69
0.58
0.53
-
miniSMDC125F/16
2.00
1.69
1.47
1.25
1.17
1.03
0.92
0.90
0.69
0.58
0.53
-
miniSMDC150F
2.30
2.05
1.77
1.50
1.44
1.23
1.09
0.95
0.82
0.68
0.61
-
miniSMDC150F/12
2.40
2.10
1.80
1.50
1.44
1.25
1.13
1.00
0.88
0.75
0.69
-
miniSMDC150F/16
2.40
2.10
1.80
1.50
1.44
1.25
1.13
1.00
0.88
0.75
0.69
-
miniSMDC150F/24
2.10
1.90
1.70
1.50
1.44
1.25
1.13
1.00
0.88
0.75
0.69
-
miniSMDC160F
2.50
2.19
1.89
1.60
1.53
1.31
1.16
1.10
0.95
0.79
0.71
-
miniSMDC200F
2.60
2.44
2.22
2.00
1.96
1.78
1.67
1.50
1.45
1.34
1.29
-
miniSMDC200S
2.60
2.40
2.10
2.00
1.93
1.77
1.66
1.60
1.44
1.33
1.27
-
miniSMDC260F
3.40
3.16
2.80
2.60
2.54
2.32
2.18
2.00
1.90
1.76
1.69
-
miniSMDC260F/12
3.40
3.16
3.00
2.60
2.54
2.32
2.18
2.00
1.90
1.76
1.69
-
miniSMDC260F/13.2
3.40
3.16
3.00
2.60
2.54
2.32
2.18
2.00
1.90
1.76
1.69
-
miniSMDC260F/16
3.50
3.20
3.00
2.60
2.53
2.30
2.15
2.00
1.85
1.70
1.63
-
miniSMDE Series
Size 11550 mm/4420 mils
miniSMDE190F
3.16
2.74
2.20
1.90
1.74
1.48
1.27
1.10
0.80
0.50
0.35
-
midSMD Series
Size 5050 mm/2018 mils
SMD030F-2018
0.48
0.42
0.35
0.30
0.28
0.24
0.21
0.17
0.15
0.12
0.10
-
decaSMDC050F/60
1.00
0.85
0.70
0.55
0.53
0.45
0.40
0.35
0.30
0.25
0.23
-
SMD100F-2018
1.59
1.43
1.20
1.10
1.03
0.94
0.85
0.72
0.69
0.61
0.57
-
SMD150F-2018
2.21
1.97
1.70
1.50
1.43
1.26
1.15
1.00
0.91
0.79
0.73
-
SMD200F-2018
2.81
2.54
2.27
2.00
1.93
1.73
1.59
1.46
1.32
1.19
1.12
-
SMD Series
Size 7555 mm/2920 mils
SMD030F
0.44
0.39
0.32
0.30
0.28
0.26
0.23
0.19
0.18
0.17
0.15
-
SMD050F
0.73
0.65
0.55
0.50
0.47
0.43
0.39
0.33
0.31
0.28
0.26
-
SMD075F
1.11
0.99
0.84
0.75
0.71
0.63
0.57
0.49
0.45
0.39
0.36
-
SMD075F/60
1.11
0.99
0.84
0.75
0.71
0.63
0.57
0.49
0.45
0.39
0.36
-
SMD100F
1.59
1.43
1.20
1.10
1.03
0.94
0.85
0.72
0.69
0.61
0.57
-
SMD100F/33
1.48
1.35
1.20
1.10
1.06
0.98
0.91
0.83
0.79
0.73
0.69
-
SMDH120
2.34
1.96
1.58
1.20
1.15
1.02
0.92
0.83
0.74
0.65
0.60
0.26
SMD125F
1.89
1.68
1.50
1.25
1.21
1.04
0.93
0.85
0.71
0.61
0.55
-
SMD260F
3.82
3.41
2.90
2.60
2.45
2.19
1.99
1.70
1.58
1.38
1.28
-
SMD300F
4.13
3.75
3.30
3.00
2.87
2.62
2.43
2.25
2.00
1.87
1.78
-
SMD2 Series
Size 8763 mm/3425 mils
SMD150F
2.30
2.04
1.80
1.50
1.45
1.23
1.10
0.99
0.83
0.70
0.63
-
SMD150F/33
2.30
2.04
1.80
1.50
1.45
1.23
1.10
0.99
0.83
0.70
0.63
-
SMDH160
2.14
1.96
1.78
1.60
1.56
1.42
1.33
1.24
1.15
1.06
1.02
0.44
SMD185F
2.54
2.29
2.20
1.85
1.80
1.55
1.43
1.31
1.19
1.06
1.00
-
SMD200F
3.01
2.67
2.30
2.00
1.90
1.66
1.50
1.30
1.16
0.99
0.91
-
SMD250F
3.72
3.31
2.80
2.50
2.35
2.09
1.89
1.60
1.48
1.28
1.18
-
NEW
NEW


Similar Part No. - SMD100F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMD100F MACOM-SMD100F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
SMD100F MACOM-SMD100F Datasheet
51Kb / 1P
   PolySwitch짰 PTC Devices
SMD100F MACOM-SMD100F Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
SMD100F MACOM-SMD100F Datasheet
34Kb / 1P
   PolySwitch짰PTC Devices
logo
Littelfuse
SMD100F LITTELFUSE-SMD100F Datasheet
328Kb / 2P
   PolySwitch PTC Devices
More results

Similar Description - SMD100F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
SMD150F MACOM-SMD150F_1 Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
List of Unclassifed Man...
SMD300 ETC2-SMD300 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com