Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA143ET Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTA143ET
Description  PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA143ET Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTA143ET Datasheet HTML 1Page - NXP Semiconductors PDTA143ET Datasheet HTML 2Page - NXP Semiconductors PDTA143ET Datasheet HTML 3Page - NXP Semiconductors PDTA143ET Datasheet HTML 4Page - NXP Semiconductors PDTA143ET Datasheet HTML 5Page - NXP Semiconductors PDTA143ET Datasheet HTML 6Page - NXP Semiconductors PDTA143ET Datasheet HTML 7Page - NXP Semiconductors PDTA143ET Datasheet HTML 8Page - NXP Semiconductors PDTA143ET Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2004 Aug 04
4
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = 4.7 kΩ
PDTA143E series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Refer to standard mounting conditions.
2.
Reflow soldering is the only recommended soldering method.
3.
Refer to SOT883 standard mounting conditions; FR4 with 60
μm copper strip line.
THERMAL CHARACTERISTICS
Notes
1.
Refer to standard mounting conditions.
2.
Reflow soldering is the only recommended soldering method.
3.
Refer to SOT883 standard mounting conditions; FR4 with 60
μm copper strip line.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−50
V
VCEO
collector-emitter voltage
open base
−50
V
VEBO
emitter-base voltage
open collector
−10
V
VI
input voltage
positive
+10
V
negative
−30
V
IO
output current (DC)
−100
mA
ICM
peak collector current
−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT23
note 1
250
mW
SOT54
note 1
500
mW
SOT323
note 1
200
mW
SOT346
note 1
250
mW
SOT416
note 1
150
mW
SOT490
notes 1 and 2
250
mW
SOT883
notes 2 and 3
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
SOT23
note 1
500
K/W
SOT54
note 1
250
K/W
SOT323
note 1
625
K/W
SOT346
note 1
500
K/W
SOT416
note 1
833
K/W
SOT490
notes 1 and 2
500
K/W
SOT883
notes 2 and 3
500
K/W


Similar Part No. - PDTA143ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143ET PHILIPS-PDTA143ET Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA143ET PHILIPS-PDTA143ET Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTA143ET PHILIPS-PDTA143ET Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
2004 Aug 04
logo
Nexperia B.V. All right...
PDTA143ET NEXPERIA-PDTA143ET Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 8 - 8 December 2011
More results

Similar Description - PDTA143ET

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA143EMB NEXPERIA-PDTA143EMB Datasheet
839Kb / 12P
   PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 4.7 k廓
logo
NXP Semiconductors
PDTC143E NXP-PDTC143E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 05
PEMH15 NXP-PEMH15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Rev. 04-15 November 2009
PDTA143Z NXP-PDTA143Z Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 05
PEMB13 NXP-PEMB13 Datasheet
143Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Apr 15
logo
Nexperia B.V. All right...
PDTC143EMB NEXPERIA-PDTC143EMB Datasheet
960Kb / 12P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 4.7 k廓
logo
NXP Semiconductors
PEMD13 NXP-PEMD13 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PQMD13 NEXPERIA-PQMD13 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 4.7 k廓, R2 = 47 k廓
PDTA143XMB NEXPERIA-PDTA143XMB Datasheet
962Kb / 12P
   PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PDTA143T NXP-PDTA143T Datasheet
173Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com