Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLP682M080H4P3 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SLP682M080H4P3
Description  Type SLP 105 째C Snap-In Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLP682M080H4P3 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SLP682M080H4P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLP682M080H4P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLP682M080H4P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLP682M080H4P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLP682M080H4P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLP682M080H4P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLP682M080H4P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLP682M080H4P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Temperature Range
–40 ºC to +105 ºC ≤ 100 Vdc
–25 ºC to +105 ºC ≥ 160 Vdc
Rated Voltage Range
10 Vdc to 450 Vdc
Capacitance Range
47 µF to 56,000 µF
Capacitance Tolerance
±20%
Leakage Current
≤ 3 √CV µA at 5 minutes
Ripple Current Multipliers
Ambient Temperature
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 10 (10 Vdc)
≤ 8 (16–50 Vdc)
≤ 4 (63–100 Vdc)
≤ 3 (150–450 Vdc)
Endurance Life
3,000 h @ full load @ 105 ºC
Δ Capacitance ±20%
ESR ≤200% of limit
DCL 100 % of limit
Shelf Life
1,000 h @ full load @ 105 ºC
Δ Capacitance ±20%
ESR ≤150% of limit
DCL 100 % of limit
Vibration
10 Hz to 55 Hz , 0.06” and 10g max
2 h for each plane
RoHS Compliant
Type SLP is the best value package snap-in series for 105 ºC, 3000 h
operation. This series is the most cost-effective choice for DC filtering
and power supply applications where high temperature, long life and
high ripple capability are needed.
Highlights
- 3000 h ripple load life at rated voltage
- 105 ºC rated
- Small case size with high capacitance
- Best for switching power supplies
- 22 mm to 35 mm diameter, 10 mm lead spacing
- Best value snap-in type
- High ripple current
Specifications
Frequency
20 ºC - 45 ºC
65 ºC
85 ºC
105 ºC
2.00
1.89
1.52
1.00
Voltage
60 Hz 120 Hz 1 kHz 10 kHz &
Up
10 - 100 Vdc
0.90
1.00
1.15
1.25
160 - 450 Vdc
0.80
1.00
1.25
1.47
To apply multipliers, see ratings tables for ripple current values
Type SLP 105 °C Snap-In Aluminum Electrolytic
Best Value 105 °C Snap-In Type
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - SLP682M080H4P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP682M080H4P3 CDE-SLP682M080H4P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
SLP682M080H4P3 CDE-SLP682M080H4P3 Datasheet
369Kb / 9P
   Best for switching power supplies
More results

Similar Description - SLP682M080H4P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
   105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
Cornell Dubilier Electr...
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
   Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com