Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9670 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9670
Description  Remote 8-bit I/O expander for Fm I2C-bus with reset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9670 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9670 Datasheet HTML 1Page - NXP Semiconductors PCA9670 Datasheet HTML 2Page - NXP Semiconductors PCA9670 Datasheet HTML 3Page - NXP Semiconductors PCA9670 Datasheet HTML 4Page - NXP Semiconductors PCA9670 Datasheet HTML 5Page - NXP Semiconductors PCA9670 Datasheet HTML 6Page - NXP Semiconductors PCA9670 Datasheet HTML 7Page - NXP Semiconductors PCA9670 Datasheet HTML 8Page - NXP Semiconductors PCA9670 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
PCA9670_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 17 July 2007
4 of 28
NXP Semiconductors
PCA9670
Remote 8-bit I/O expander for Fm+ I2C-bus with reset
6.2 Pin description
[1]
HVQFN package die supply ground is connected to both the VSS pin and the exposed center pad. The VSS
pin must be connected to supply ground for proper device operation. For enhanced thermal, electrical, and
board-level performance, the exposed pad needs to be soldered to the board using a corresponding
thermal pad on the board, and for proper heat conduction through the board thermal vias need to be
incorporated in the PCB in the thermal pad region.
Table 2.
Pin description
Symbol
Pin
Description
SO16, TSSOP16
HVQFN16
AD0
1
15
address input 0
AD1
2
16
address input 1
AD2
3
1
address input 2
P0
4
2
quasi-bidirectional I/O 0
P1
5
3
quasi-bidirectional I/O 1
P2
6
4
quasi-bidirectional I/O 2
P3
7
5
quasi-bidirectional I/O 3
VSS
86[1]
supply ground
P4
9
7
quasi-bidirectional I/O 4
P5
10
8
quasi-bidirectional I/O 5
P6
11
9
quasi-bidirectional I/O 6
P7
12
10
quasi-bidirectional I/O 7
RESET
13
11
reset input (active LOW)
SCL
14
12
serial clock line
SDA
15
13
serial data line
VDD
16
14
supply voltage


Similar Part No. - PCA9670

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9670 NXP-PCA9670 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9670

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9671 PHILIPS-PCA9671 Datasheet
195Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671 NXP-PCA9671 Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671 NXP-PCA9671_10 Datasheet
799Kb / 35P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 2-29 July 2010
PCA9672 NXP-PCA9672 Datasheet
172Kb / 27P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 02-6 July 2007
PCA9674 NXP-PCA9674 Datasheet
185Kb / 32P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 05-15 June 2009
PCA9674 PHILIPS-PCA9674 Datasheet
194Kb / 34P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 02-12 October 2006
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9673 NXP-PCA9673 Datasheet
208Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
[Old version datasheet]   Remote 8-Bit I/O Expander for I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com