Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLP392M063E5P3 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # SLP392M063E5P3
Description  Type SLP 105 째C Snap-In Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLP392M063E5P3 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  SLP392M063E5P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLP392M063E5P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLP392M063E5P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLP392M063E5P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLP392M063E5P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLP392M063E5P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLP392M063E5P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLP392M063E5P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Type SLP 105 °C Snap-In Aluminum Electrolytic
Best Value 105 °C Snap-In Type
3000 h @ 105 ºC Max 25 °C ESR Max 105 °C Ripple Nominal
3000 h @ 105 ºC Max 25 °C ESR Max 105 °C Ripple Nominal
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
(μF)
Part Number
120 Hz 20kHz 120 Hz 20kHz
(mm)
(μF)
Part Number
120 Hz 20kHz 120 Hz 20kHz
(mm)
180 Vdc (225Vdc Surge)
200 Vdc (250 Vdc Surge)
330
SLP331M180A3P3
0.603
0.452
1.20
1.76
22 x 30
820
SLP821M200C4P3
0.243 0.182
2.10
3.09
25 x 45
390
SLP391M180A3P3
0.510
0.383
1.35
1.98
22 x 30
820
SLP821M200E5P3
0.243 0.182
2.04
3.00
30 x 35
390
SLP391M180C1P3
0.510
0.383
1.35
1.98
25 x 25
820
SLP821M200H3P3
0.243 0.182
2.04
3.00
35 x 30
470
SLP471M180A5P3
0.423
0.317
1.50
2.21
22 x 35
1000
SLP102M200C9P3
0.199 0.149
2.42
3.56
25 x 50
470
SLP471M180C3P3
0.423
0.317
1.50
2.21
25 x 30
1000
SLP102M200E7P3
0.199 0.149
2.30
3.38
30 x 40
560
SLP561M180A7P3
0.355
0.266
1.67
2.45
22 x 40
1000
SLP102M200H5P3
0.199 0.149
2.30
3.38
35 x 35
560
SLP561M180C3P3
0.355
0.266
1.67
2.45
25 x 30
1200
SLP122M200E4P3
0.166 0.125
2.65
3.90
30 x 45
560
SLP561M180E1P3
0.355
0.266
1.67
2.45
30 x 25
1200
SLP122M200H5P3
0.166 0.125
2.65
3.90
35 x 35
680
SLP681M180A4P3
0.293
0.220
1.78
2.62
22 x 45
1200
SLP122M200H3P3
0.166 0.125
2.49
3.66
35 x 30
680
SLP681M180C5P3
0.293
0.220
1.78
2.62
25 x 35
1500
SLP152M200H7P3
0.133 0.100
3.08
4.53
35 x 40
680
SLP681M180E3P3
0.293
0.220
1.78
2.62
30 x 30
1800
SLP182M200H4P3
0.111 0.083
3.48
5.12
35 x 45
820
SLP821M180A9P3
0.243
0.182
2.04
3.00
22 x 50
1800
SLP182M200H7P3
0.111 0.083
3.31
4.87
35 x 40
820
SLP821M180C7P3
0.243
0.182
2.04
3.00
25 x 40
220 Vdc (270 Vdc Surge)
820
SLP821M180E3P3
0.243
0.182
2.04
3.00
30 x 30
220
SLP221M220A1P3
0.905 0.679
1.00
1.47
22 x 25
1000
SLP102M180C4P3
0.199
0.149
2.30
3.38
25 x 45
270
SLP271M220A3P3
0.737 0.553
1.15
1.69
22 x 30
1000
SLP102M180E5P3
0.199
0.149
2.30
3.38
30 x 35
330
SLP331M220A5P3
0.603 0.452
1.25
1.84
22 x 35
1000
SLP102M180H3P3
0.199
0.149
2.30
3.38
35 x 30
330
SLP331M220C1P3
0.603 0.452
1.25
1.84
25 x 25
1200
SLP122M180E7P3
0.166
0.125
2.55
3.75
30 x 40
390
SLP391M220A5P3
0.510 0.383
1.40
2.06
22 x 35
1200
SLP122M180H5P3
0.166
0.125
2.55
3.75
35 x 35
390
SLP391M220C3P3
0.510 0.383
1.40
2.06
25 x 30
1500
SLP152M180E4P3
0.133
0.100
2.90
4.26
30 x 45
470
SLP471M220A7P3
0.423 0.317
1.51
2.22
22 x 40
1500
SLP152M180H7P3
0.133
0.100
2.90
4.26
35 x 40
470
SLP471M220C3P3
0.423 0.317
1.44
2.12
25 x 30
1800
SLP182M180H4P3
0.111
0.083
3.30
4.85
35 x 45
470
SLP471M220E1P3
0.423 0.317
1.50
2.21
30 x 25
2200
SLP222M180H9P3
0.090
0.068
3.65
5.37
35 x 50
560
SLP561M220A4P3
0.355 0.266
1.70
2.50
22 x 45
200 Vdc (250 Vdc Surge)
560
SLP561M220C5P3
0.355 0.266
1.64
2.41
25 x 35
220
SLP221M200A1P3
0.905
0.679
0.99
1.46
22 x 25
560
SLP561M220E3P3
0.355 0.266
1.70
2.50
30 x 30
220
SLP221M200A3P3
0.905
0.679
1.07
1.57
22 x 30
560
SLP561M220H1P3
0.355 0.266
1.71
2.51
35 x 25
270
SLP271M200A1P3
0.737
0.553
1.10
1.62
22 x 25
680
SLP681M220C7P3
0.293 0.220
1.84
2.70
25 x 40
330
SLP331M200A3P3
0.603
0.452
1.25
1.84
22 x 30
680
SLP681M220E5P3
0.293 0.220
1.93
2.84
30 x 35
330
SLP331M200C1P3
0.603
0.452
1.25
1.84
25 x 25
680
SLP681M220H3P3
0.293 0.220
1.89
2.78
35 x 30
330
SLP331M200C3P3
0.603
0.452
1.35
1.98
25 x 30
820
SLP821M220C4P3
0.243 0.182
2.08
3.06
25 x 45
390
SLP391M200A5P3
0.510
0.383
1.35
1.98
22 x 35
820
SLP821M220E7P3
0.243 0.182
2.19
3.22
30 x 40
390
SLP391M200C3P3
0.510
0.383
1.35
1.98
25 x 30
820
SLP821M220H3P3
0.243 0.182
2.16
3.18
35 x 30
470
SLP471M200A7P3
0.423
0.317
1.50
2.21
22 x 40
1000
SLP102M220E4P3
0.199 0.149
2.50
3.68
30 x 45
470
SLP471M200C3P3
0.423
0.317
1.50
2.21
25 x 30
1000
SLP102M220H5P3
0.199 0.149
2.44
3.59
35 x 35
470
SLP471M200C5P3
0.423
0.317
1.60
2.35
25 x 35
1200
SLP122M220H7P3
0.166 0.125
2.79
4.10
35 x 40
470
SLP471M200E1P3
0.423
0.317
1.50
2.21
30 x 25
1500
SLP152M220H4P3
0.133 0.100
3.22
4.73
35 x 45
560
SLP561M200A4P3
0.355
0.266
1.67
2.45
22 x 45
250 Vdc (300 Vdc Surge)
560
SLP561M200C5P3
0.355
0.266
1.70
2.50
25 x 35
180
SLP181M250A1P3
1.106 0.830
0.88
1.29
22 x 25
560
SLP561M200E1P3
0.355
0.266
1.67
2.45
30 x 25
180
SLP181M250C1P3
1.106 0.830
0.95
1.40
25 x 25
680
SLP681M200A9P3
0.293
0.220
1.78
2.62
22 x 50
220
SLP221M250A3P3
0.905 0.679
1.00
1.47
22 x 30
680
SLP681M200C5P3
0.293
0.220
1.72
2.53
25 x 35
220
SLP221M250C1P3
0.905 0.679
1.08
1.59
25 x 25
680
SLP681M200C7P3
0.293
0.220
1.82
2.68
25 x 40
270
SLP271M250A5P3
0.737 0.553
1.18
1.73
22 x 35
680
SLP681M200E3P3
0.293
0.220
1.78
2.62
30 x 30
270
SLP271M250C3P3
0.737 0.553
1.27
1.87
25 x 30
Additional Voltages and Sizes available at www.cde.com/catalogs/SLP.pdf
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830


Similar Part No. - SLP392M063E5P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP392M063E5P3 CDE-SLP392M063E5P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
SLP392M063E5P3 CDE-SLP392M063E5P3 Datasheet
369Kb / 9P
   Best for switching power supplies
More results

Similar Description - SLP392M063E5P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
   105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
Cornell Dubilier Electr...
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
   Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com