Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9624BS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9624BS
Description  8-bit Fm I2C-bus 100 mA 40 V LED driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9624BS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9624BS Datasheet HTML 4Page - NXP Semiconductors PCA9624BS Datasheet HTML 5Page - NXP Semiconductors PCA9624BS Datasheet HTML 6Page - NXP Semiconductors PCA9624BS Datasheet HTML 7Page - NXP Semiconductors PCA9624BS Datasheet HTML 8Page - NXP Semiconductors PCA9624BS Datasheet HTML 9Page - NXP Semiconductors PCA9624BS Datasheet HTML 10Page - NXP Semiconductors PCA9624BS Datasheet HTML 11Page - NXP Semiconductors PCA9624BS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
PCA9624_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 26 August 2009
8 of 37
NXP Semiconductors
PCA9624
8-bit Fm+ I2C-bus 100 mA 40 V LED driver
7.2 Control register
Following the successful acknowledgement of the slave address, LED All Call address or
LED Sub Call address, the bus master will send a byte to the PCA9624, which will be
stored in the Control register.
The lowest 5 bits are used as a pointer to determine which register will be accessed
(D[4:0]). The highest 3 bits are used as Auto-Increment flag and Auto-Increment options
(AI[2:0]).
When the Auto-Increment flag is set (AI2 = logic 1), the five low order bits of the Control
register are automatically incremented after a read or write. This allows the user to
program the registers sequentially. Four different types of Auto-Increment are possible,
depending on AI1 and AI0 values.
Remark: Other combinations not shown in Table 3 (AI[2:0] = 001, 010, and 011) are
reserved and must not be used for proper device operation.
AI[2:0] = 000 is used when the same register must be accessed several times during a
single I2C-bus communication, for example, changes the brightness of a single LED. Data
is overwritten each time the register is accessed during a write operation.
AI[2:0] = 100 is used when all the registers must be sequentially accessed, for example,
power-up programming.
AI[2:0] = 101 is used when the 16 LED drivers must be individually programmed with
different values during the same I2C-bus communication, for example, changing color
setting to another color setting.
reset state = 80h
Remark: The Control register does not apply to the Software Reset I2C-bus address.
Fig 6.
Control register
Table 3.
Auto-Increment options
AI2
AI1
AI0
Function
0
0
0
no Auto-Increment
1
0
0
Auto-Increment for all registers. D[4:0] roll over to 00h after the last
register (11h) is accessed.
1
0
1
Auto-Increment for individual brightness registers only. D[4:0] roll over to
02h after the last register (11h) is accessed.
1
1
0
Auto-Increment for global control registers only. D[4:0] roll over to 0Ah’
after the last register (0Bh) is accessed.
1
1
1
Auto-Increment for individual and global control registers only. D[4:0] roll
over to 02h after the last register (0Bh) is accessed.
002aac147
AI2
AI1
AI0
D4
D3
D2
D1
D0
Auto-Increment flag
register address
Auto-Increment options


Similar Part No. - PCA9624BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9624 NXP-PCA9624 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9624BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9622 PHILIPS-PCA9622 Datasheet
328Kb / 40P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 5-2 June 2014
PCA9622 NXP-PCA9622 Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
PCA9625 NXP-PCA9625 Datasheet
179Kb / 33P
   16-bit Fm I2C-bus 100 mA 24 V LED driver
Rev. 02-15 January 2008
PCU9654 PHILIPS-PCU9654 Datasheet
972Kb / 36P
   8-bit UFm 5 MHz I2C-bus 100 mA 40 V LED driver
Rev. 1-2 July 2012
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com