Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9600 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA9600
Description  Dual bidirectional bus buffer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA9600 Datasheet HTML 14Page - NXP Semiconductors PCA9600 Datasheet HTML 15Page - NXP Semiconductors PCA9600 Datasheet HTML 16Page - NXP Semiconductors PCA9600 Datasheet HTML 17Page - NXP Semiconductors PCA9600 Datasheet HTML 18Page - NXP Semiconductors PCA9600 Datasheet HTML 19Page - NXP Semiconductors PCA9600 Datasheet HTML 20Page - NXP Semiconductors PCA9600 Datasheet HTML 21Page - NXP Semiconductors PCA9600 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
PCA9600_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 November 2009
18 of 30
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
10.2 Negative undershoot below absolute minimum value
The reason why the IC pin reverse voltage on pins TX and RX in Table 5 “Limiting values”
is specified at such a low value,
−0.3 V, is not that applying larger voltages is likely to
cause damage but that it is expected that, in normal applications, there is no reason why
larger DC voltages will be applied. This ‘absolute maximum’ specification is intended to be
a DC or continuous ratings and the nominal DC I2C-bus voltage LOW usually does not
even reach 0 V. Inside PCA9600 at every pin there is a large protective diode connected
to the GND pin and that diode will start to conduct when the pin voltage is more than
about
−0.55 V with respect to GND at 25 °C ambient.
Figure 22 shows the measured characteristic for one of those diodes inside PCA9600.
The plot was made using a curve tracer that applies 50 Hz mains voltage via a series
resistor, so the pulse durations are long duration (several milliseconds) and are reaching
peaks of over 2 A when more than
−1.5 V is applied. The IC becomes very hot during this
(1) TX output.
(2) SX input.
(1) TX/RX output.
(2) SX input.
Fig 19. Propagation SX to TX with VRX =VCC = 3.3 V
(SX pull-up to 3.3 V; TX pull-up to 5.7 V)
Fig 20. Propagation SX to TX with RX tied to TX;
VCC = 3.3 V (SX pull-up to 3.3 V; TX pull-up to
5.7 V)
(1) RX input.
(2) SX output.
Fig 21. Propagation RX to SX (SX pull-up to 3.3 V; VCC = 3.3 V; RX pull-up to 4.6 V)
−1
5
3
1
7
VCC
(V)
time (ns)
0
900
002aac932
200
100
300 400 500 600 700 800
0
2
4
6
(1)
(2)
(1)
(2)
−1
5
3
1
7
VCC
(V)
time (ns)
0
900
002aac933
200
100
300 400 500 600 700 800
0
2
4
6
(1)
(2)
(1)
(2)
(2)
−1
5
3
1
7
VCC
(V)
time (ns)
0
900
002aac934
200
100
300 400 500 600 700 800
0
2
4
6
(1)
(2)
(1)
(2)


Similar Part No. - PCA9600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
PCA9600 NXP-PCA9600 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9600D NXP-PCA9600D Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
PCA9600DP NXP-PCA9600DP Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
More results

Similar Description - PCA9600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com