Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9545CPW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9545CPW
Description  4-channel I2C-bus switch with interrupt logic and reset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9545CPW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9545CPW Datasheet HTML 4Page - NXP Semiconductors PCA9545CPW Datasheet HTML 5Page - NXP Semiconductors PCA9545CPW Datasheet HTML 6Page - NXP Semiconductors PCA9545CPW Datasheet HTML 7Page - NXP Semiconductors PCA9545CPW Datasheet HTML 8Page - NXP Semiconductors PCA9545CPW Datasheet HTML 9Page - NXP Semiconductors PCA9545CPW Datasheet HTML 10Page - NXP Semiconductors PCA9545CPW Datasheet HTML 11Page - NXP Semiconductors PCA9545CPW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
PCA9545A_45B_45C_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 19 June 2009
8 of 28
NXP Semiconductors
PCA9545A/45B/45C
4-channel I2C-bus switch with interrupt logic and reset
6.2.2 Interrupt handling
The PCA9545A/45B/45C provides 4 interrupt inputs, one for each channel, and one
open-drain interrupt output. When an interrupt is generated by any device, it will be
detected by the PCA9545A/45B/45C and the interrupt output will be driven LOW. The
channel does not need to be active for detection of the interrupt. A bit is also set in the
control register.
Bit 4 through bit 7 of the control register corresponds to channel 0 through channel 3 of
the PCA9545A/45B/45C, respectively. Therefore, if an interrupt is generated by any
device connected to channel 1, the state of the interrupt inputs is loaded into the control
register when a read is accomplished. Likewise, an interrupt on any device connected to
channel 0 would cause bit 4 of the control register to be set on the read. The master can
then address the PCA9545A/45B/45C and read the contents of the control register to
determine which channel contains the device generating the interrupt. The master can
then reconfigure the PCA9545A/45B/45C to select this channel, and locate the device
generating the interrupt and clear it.
It should be noted that more than one device can provide an interrupt on a channel, so it is
up to the master to ensure that all devices on a channel are interrogated for an interrupt.
The interrupt inputs may be used as general purpose inputs if the interrupt function is not
required.
If unused, interrupt input(s) must be connected to VDD through a pull-up resistor.
Remark: Several interrupts can be active at the same time. Example: INT3 = 0, INT2 = 1,
INT1 = 1, INT0 = 0, means that there is no interrupt on channel 0 and channel 3, and
there is interrupt on channel 1 and channel 2.
6.3 RESET input
The RESET input is an active LOW signal which may be used to recover from a bus fault
condition. By asserting this signal LOW for a minimum of tw(rst)L, the PCA9545A/45B/45C
will reset its registers and I2C-bus state machine and will deselect all channels. The
RESET input must be connected to VDD through a pull-up resistor.
Table 5.
Control register: Read—interrupt
INT3
INT2
INT1
INT0
B3
B2
B1
B0
Command
XXX
0
XXXX
no interrupt on channel 0
1
interrupt on channel 0
XX
0
XXXXX
no interrupt on channel 1
1
interrupt on channel 1
X
0
XXXXXX
no interrupt on channel 2
1
interrupt on channel 2
0
XXXXXXX
no interrupt on channel 3
1
interrupt on channel 3


Similar Part No. - PCA9545CPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9545C NXP-PCA9545C Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9545CPW

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
logo
Texas Instruments
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
TCA9543A TI1-TCA9543A_15 Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com