Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9543APW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9543APW
Description  2-channel I2C-bus switch with interrupt logic and reset
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9543APW Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9543APW Datasheet HTML 1Page - NXP Semiconductors PCA9543APW Datasheet HTML 2Page - NXP Semiconductors PCA9543APW Datasheet HTML 3Page - NXP Semiconductors PCA9543APW Datasheet HTML 4Page - NXP Semiconductors PCA9543APW Datasheet HTML 5Page - NXP Semiconductors PCA9543APW Datasheet HTML 6Page - NXP Semiconductors PCA9543APW Datasheet HTML 7Page - NXP Semiconductors PCA9543APW Datasheet HTML 8Page - NXP Semiconductors PCA9543APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PCA9543A_43B_43C_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 15 June 2009
4 of 23
NXP Semiconductors
PCA9543A/43B/43C
2-channel I2C-bus switch with interrupt logic and reset
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration for SO14
Fig 3.
Pin configuration for TSSOP14
PCA9543AD
A0
VDD
A1
SDA
RESET
SCL
INT0
INT
SD0
SC1
SC0
SD1
VSS
INT1
002aab178
1
2
3
4
5
6
7
8
10
9
12
11
14
13
VDD
SDA
SCL
INT
SC1
SD1
INT1
A0
A1
RESET
INT0
SD0
SC0
VSS
PCA9543APW
PCA9543BPW
PCA9543CPW
002aab179
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 3.
Pin description
Symbol
Pin
Description
A0
1
address input 0
A1
2
address input 1
RESET
3
active LOW reset input
INT0
4
active LOW interrupt input 0
SD0
5
serial data 0
SC0
6
serial clock 0
VSS
7
supply ground
INT1
8
active LOW interrupt input 1
SD1
9
serial data 1
SC1
10
serial clock 1
INT
11
active LOW interrupt output
SCL
12
serial clock line
SDA
13
serial data line
VDD
14
supply voltage


Similar Part No. - PCA9543APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9543APW TI-PCA9543APW Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9543APW NXP-PCA9543APW Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
logo
Texas Instruments
PCA9543APWG4 TI-PCA9543APWG4 Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
PCA9543APWR TI-PCA9543APWR Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
PCA9543APWRG4 TI-PCA9543APWRG4 Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
More results

Similar Description - PCA9543APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
logo
Texas Instruments
TCA9543A TI1-TCA9543A_15 Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com