Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TAAA104M050 Datasheet(PDF) 4 Page - AVX Corporation

Part No. TAAA104M050
Description  Hermetic Axial Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAAA104M050 Datasheet(HTML) 4 Page - AVX Corporation

  TAAA104M050 Datasheet HTML 1Page - AVX Corporation TAAA104M050 Datasheet HTML 2Page - AVX Corporation TAAA104M050 Datasheet HTML 3Page - AVX Corporation TAAA104M050 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
106
Axial Capacitors
Tape and Reel Packaging
TAR and TAA series are supplied as standard on axial
bandolier, in reel format or ‘ammo’ pack for use on high
speed axial automatic insertion equipment, or preforming
machines.
The tape format is compatible with standards for com-
ponent taping set out by major manufacturers of axial
automatic insertion equipment.
TAPE SPECIFICATION
REEL CONFIGURATION
Taper this
end
Colored
tape
-
+ White tape
P
G
K
E
L
7.00 max.
30 max.
400 max.
n
Shape: Circular or Octagonal
E max
1.60 (0.063)
G max
1.20 (0.047)
K
Component body shall be located centrally
within a window, width K, where K is 1.40 (0.060)
greater than the primary body length
L
52.4 ± 1.50 (2.060 ± 0.060)
P
5.00 ± 0.50 (0.200 ± 0.020)
leader max
400 (15.75)
trailer max
30.0 (1.200)
n
Will allow for unhindered reeling and unreeling
of the taped components. Preferred dimensions
73.0 (2.870) spacing.
DIMENSIONS:
millimeters (inches)
Case Size
Number of Pieces
Q
3000
R
3000
S
2000
W
2000
Case Size
Number of Pieces
A
3500
B
2500
C
500
D
400
PACKAGING QUANTITIES TAR
For reels
PACKAGING QUANTITIES TAA
For reels, Standard Suffix G
Case Size
Number of Pieces
A
1500
B
1000
C
250
D
250
For reels, Suffix K
SOLID TANTALUM AXIAL TAR AND TAA
TAPE AND REEL PACKAGING FOR AUTOMATIC COMPONENT INSERTION


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn